Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F2001IPWR Datasheet(PDF) 26 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F2001IPWR
Description  MIXED SIGNAL MICROCONTROLLER
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F2001IPWR Datasheet(HTML) 26 Page - Texas Instruments

Back Button MSP430F2001IPWR Datasheet HTML 22Page - Texas Instruments MSP430F2001IPWR Datasheet HTML 23Page - Texas Instruments MSP430F2001IPWR Datasheet HTML 24Page - Texas Instruments MSP430F2001IPWR Datasheet HTML 25Page - Texas Instruments MSP430F2001IPWR Datasheet HTML 26Page - Texas Instruments MSP430F2001IPWR Datasheet HTML 27Page - Texas Instruments MSP430F2001IPWR Datasheet HTML 28Page - Texas Instruments MSP430F2001IPWR Datasheet HTML 29Page - Texas Instruments MSP430F2001IPWR Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 88 page
background image
MSP430x20x1, MSP430x20x2, MSP430x20x3
MIXED SIGNAL MICROCONTROLLER
SLAS491D -- AUGUST 2005 -- REVISED SEPTEMBER 2007
26
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended ranges of supply voltage and operating free-air
temperature (unless otherwise noted) (continued)
typical characteristics -- outputs
Figure 4
VOL -- Low-Level Output Voltage -- V
0.0
5.0
10.0
15.0
20.0
25.0
30.0
0.0
0.5
1.0
1.5
2.0
2.5
VCC =2.2 V
P1.7
TYPICAL LOW-LEVEL OUTPUT CURRENT
vs
LOW-LEVEL OUTPUT VOLTAGE
TA =25°C
TA =85°C
Figure 5
VOL -- Low-Level Output Voltage -- V
0.0
10.0
20.0
30.0
40.0
50.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
VCC =3V
P1.7
TYPICAL LOW-LEVEL OUTPUT CURRENT
vs
LOW-LEVEL OUTPUT VOLTAGE
TA =25°C
TA =85°C
Figure 6
VOH -- High-Level Output Voltage -- V
--25.0
--20.0
--15.0
--10.0
--5.0
0.0
0.0
0.5
1.0
1.5
2.0
2.5
VCC =2.2 V
P1.7
TYPICAL HIGH-LEVEL OUTPUT CURRENT
vs
HIGH-LEVEL OUTPUT VOLTAGE
TA =25°C
TA =85°C
Figure 7
VOH -- High-Level Output Voltage -- V
--50.0
--40.0
--30.0
--20.0
--10.0
0.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
VCC =3V
P1.7
TYPICAL HIGH-LEVEL OUTPUT CURRENT
vs
HIGH-LEVEL OUTPUT VOLTAGE
TA =25°C
TA =85°C
NOTE: One output loaded at a time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com