Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISO7240C Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7240C
Description  HIGH SPEED QUAD DIGITAL ISOLATORS
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO7240C Datasheet(HTML) 17 Page - Texas Instruments

Back Button ISO7240C Datasheet HTML 13Page - Texas Instruments ISO7240C Datasheet HTML 14Page - Texas Instruments ISO7240C Datasheet HTML 15Page - Texas Instruments ISO7240C Datasheet HTML 16Page - Texas Instruments ISO7240C Datasheet HTML 17Page - Texas Instruments ISO7240C Datasheet HTML 18Page - Texas Instruments ISO7240C Datasheet HTML 19Page - Texas Instruments ISO7240C Datasheet HTML 20Page - Texas Instruments ISO7240C Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 25 page
background image
1
1.05
1.1
1.15
1.2
1.25
1.3
1.35
1.4
-40
-25
-10
5
20
35
50
65
80
95
110
125
T -Free-AirTemperature- C
A
°
5VV
th+
3.3VV
th+
5VV
th-
3.3VV
th-
AirFlowat7cf/m,
Low_KBoard
2
2.1
2.2
2.3
2.4
2.5
2.6
2.7
2.8
2.9
3
-40
-25
-10
5
20
35
50
65
80
95
110
125
T -Free-AirTemperature- C
A
°
V
fs+
V
fs-
V
at5Vor3.3V,
Load=15pF,
AirFlowat7/cf/m,
Low-KBoard
CC
0
5
10
15
20
25
30
35
40
45
50
0
1
2
3
4
5
V -OutputVoltage-V
O
V
=5V
CC
V
=3.3V
CC
Load=15pF,
T =25 C
A
°
0
10
20
30
40
50
0
2
4
6
V -OutputVoltage-V
O
V
=5V
CC
V
=3.3V
CC
Load=15pF,
T =25 C
A
°
ISO7240CF, ISO7240C
,, ISO7240M
ISO7241C, ISO7241M
ISO7242C, ISO7242M
www.ti.com........................................................................................................................................ SLLS868I – SEPTEMBER 2007 – REVISED DECEMBER 2008
TYPICAL CHARACTERISTIC CURVES (continued)
INPUT VOLTAGE THRESHOLD
VCC1 FAILSAFE THRESHOLD
vs
vs
FREE-AIR TEMPERATURE
FREE-AIR TEMPERATURE
Figure 11.
Figure 12.
HIGH-LEVEL OUTPUT CURRENT
LOW-LEVEL OUTPUT CURRENT
vs
vs
HIGH-LEVEL OUTPUT VOLTAGE
LOW-LEVEL OUTPUT VOLTAGE
Figure 13.
Figure 14.
Copyright © 2007–2008, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Link(s): ISO7240CF, ISO7240C ISO7240M ISO7241C ISO7241M ISO7242C ISO7242M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com