Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISO7240C Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7240C
Description  HIGH SPEED QUAD DIGITAL ISOLATORS
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO7240C Datasheet(HTML) 2 Page - Texas Instruments

  ISO7240C Datasheet HTML 1Page - Texas Instruments ISO7240C Datasheet HTML 2Page - Texas Instruments ISO7240C Datasheet HTML 3Page - Texas Instruments ISO7240C Datasheet HTML 4Page - Texas Instruments ISO7240C Datasheet HTML 5Page - Texas Instruments ISO7240C Datasheet HTML 6Page - Texas Instruments ISO7240C Datasheet HTML 7Page - Texas Instruments ISO7240C Datasheet HTML 8Page - Texas Instruments ISO7240C Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
ISO7240CF, ISO7240C
,, ISO7240M
ISO7241C, ISO7241M
ISO7242C, ISO7242M
SLLS868I – SEPTEMBER 2007 – REVISED DECEMBER 2008........................................................................................................................................ www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Table 1. Device Function Table ISO724x (1)
INPUT
OUTPUT ENABLE
OUTPUT
INPUT VCC
OUTPUT VCC
(IN)
(EN)
(OUT)
H
H or Open
H
L
H or Open
L
PU
PU
X
L
Z
Open
H or Open
H
PD
PU
X
H or Open
H
PD
PU
X
L
Z
(1)
PU = Powered Up; PD = Powered Down ; X = Irrelevant; H = High Level; L = Low Level
Table 2. ISO7240CF Function Table
VCC1
VCC2
DATA INPUT
DISABLE INPUT
FAILSAFE CONTROL INPUT
DATA OUTPUT
(IN)
(DISABLE)
(CTRL)
(OUT)
PU
PU
H
L or Open
X
H
PU
PU
L
L or Open
X
L
X
PU
X
H
H or Open
H
X
PU
X
H
L
L
PD
PU
X
X
H or Open
H
PD
PU
X
X
L
L
AVAILABLE OPTIONS
SIGNALING
INPUT
CHANNEL
MARKED
ORDERING
PRODUCT
RATE
THRESHOLD
CONFIGURATION
AS
NUMBER(1)
ISO7240CDW (rail)
~1.5 V (TTL)
ISO7240CDW
25 Mbps
ISO7240C
(CMOS compatible)
ISO7240CDWR (reel)
ISO7240CFDW (rail)
~1.5 V (TTL)
ISO7240CF
25 Mbps
4/0
ISO7240CF
(CMOS compatible)
ISO7240CFDWR (reel)
ISO7240MDW (rail)
ISO7240MDW
150 Mbps
Vcc/2 (CMOS)
ISO7240M
ISO7240MDWR (reel)
ISO7241CDW (rail)
~1.5 V (TTL)
ISO7241CDW
25 Mbps
ISO7241C
(CMOS compatible)
ISO7241CDWR (reel)
3/1
ISO7241MDW (rail)
ISO7241MDW
150 Mbps
Vcc/2 (CMOS)
ISO7241M
ISO7241MDWR (reel)
ISO7242CDW (rail)
~1.5 V (TTL)
ISO7242CDW
25 Mbps
ISO7242C
(CMOS compatible)
ISO7242CDWR (reel)
2/2
ISO7242MDW (rail)
ISO7242MDW
150 Mbps
Vcc/2 (CMOS)
ISO7242M
ISO7242MDWR (reel)
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
2
Submit Documentation Feedback
Copyright © 2007–2008, Texas Instruments Incorporated
Product Folder Link(s): ISO7240CF, ISO7240C ISO7240M ISO7241C ISO7241M ISO7242C ISO7242M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com