Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT90USB646 Datasheet(PDF) 19 Page - ATMEL Corporation

Part # AT90USB646
Description  8-bit Microcontroller with 64/128K Bytes of ISP Flash and USB Controller
PDF  459 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90USB646 Datasheet(HTML) 19 Page - ATMEL Corporation

Back Button AT90USB646 Datasheet HTML 15Page - ATMEL Corporation AT90USB646 Datasheet HTML 16Page - ATMEL Corporation AT90USB646 Datasheet HTML 17Page - ATMEL Corporation AT90USB646 Datasheet HTML 18Page - ATMEL Corporation AT90USB646 Datasheet HTML 19Page - ATMEL Corporation AT90USB646 Datasheet HTML 20Page - ATMEL Corporation AT90USB646 Datasheet HTML 21Page - ATMEL Corporation AT90USB646 Datasheet HTML 22Page - ATMEL Corporation AT90USB646 Datasheet HTML 23Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 459 page
background image
19
7593H–AVR–11/08
ATmega32U6/AT90USB64/128
5.
AVR ATmega32U6/AT90USB64/128 Memories
This section describes the different memories in the ATmega32U6/AT90USB64/128. The AVR
architecture has two main memory spaces, the Data Memory and the Program Memory space.
In addition, the ATmega32U6/AT90USB64/128 features an EEPROM Memory for data storage.
All three memory spaces are linear and regular.
Notes:
1. Byte address.
2. Word (16-bit) address.
5.1
In-System Reprogrammable Flash Program Memory
The ATmega32U6/AT90USB64/128 contains 128K bytes On-chip In-System Reprogrammable
Flash memory for program storage. Since all AVR instructions are 16 or 32 bits wide, the Flash
is organized as 64K x 16. For software security, the Flash Program memory space is divided into
two sections, Boot Program section and Application Program section.
The Flash mem ory has a n e ndu ran ce of at le ast 10 0,00 0 write/erase cycles. Th e
ATmega32U6/AT90USB64/128 Program Counter (PC) is 16 bits wide, thus addressing the
Table 5-1.
Memory Mapping.
Memory
Mnemonic
ATmega32U6
AT90USB64
AT90USB128
Flash
Size
Flash size
32 K bytes
64 K bytes
128K bytes
Start Address
-
0x00000
0x00000
End Address
Flash end
0x07FFF(1)
0x3FFF(2)
0x0FFFF(1)
0x7FFF(2)
0x1FFFF(1)
0xFFFF(2)
32
Registers
Size
-
32 bytes
32 bytes
Start Address
-
0x0000
0x0000
End Address
-
0x001F
0x001F
I/O
Registers
Size
-
64 bytes
64 bytes
Start Address
-
0x0020
0x0020
End Address
-
0x005F
0x005F
Ext I/O
Registers
Size
-
160 bytes
160 bytes
Start Address
-
0x0060
0x0060
End Address
-
0x00FF
0x00FF
Internal
SRAM
Size
ISRAM size
2.5 K bytes
4 K bytes
8 K bytes
Start Address
ISRAM start
0x0100
0x0100
End Address
ISRAM end
0x0AFF
0x10FF
0x20FF
External
Memory
Size
XMem size
0-64 K bytes
0-64 K bytes
Start Address
XMem start
0x1100
0x1100
0x2100
End Address
XMem end
0xFFFF
0xFFFF
EEPROM
Size
E2 size
1 K bytes
2 K bytes
4K bytes
Start Address
-
0x0000
0x0000
End Address
E2 end
0x03FF
0x07FF
0x0FFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com