Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PTH08T240FAST Datasheet(PDF) 10 Page - Texas Instruments

Part # PTH08T240FAST
Description  10-A, 4.5-V to 14-V INPUT, NON-ISOLATED POWER MODULE FOR 3-GHz DSP SYSTEMS
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTH08T240FAST Datasheet(HTML) 10 Page - Texas Instruments

Back Button PTH08T240FAST Datasheet HTML 6Page - Texas Instruments PTH08T240FAST Datasheet HTML 7Page - Texas Instruments PTH08T240FAST Datasheet HTML 8Page - Texas Instruments PTH08T240FAST Datasheet HTML 9Page - Texas Instruments PTH08T240FAST Datasheet HTML 10Page - Texas Instruments PTH08T240FAST Datasheet HTML 11Page - Texas Instruments PTH08T240FAST Datasheet HTML 12Page - Texas Instruments PTH08T240FAST Datasheet HTML 13Page - Texas Instruments PTH08T240FAST Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 37 page
background image
PTH08T240F
SLTS277C – DECEMBER 2006 – REVISED DECEMBER 2008........................................................................................................................................ www.ti.com
Table 2. Output Voltage Set-Point Resistor Values (Standard Values)
VO Required (V)
RSET (kΩ)
0.70 (1)
681
0.75 (1)
113
0.80 (1)
61.9
0.85 (1)
41.2
0.90 (1)
31.6
0.95 (1)
24.9
1.00 (1)
20.5
1.05 (1)
17.8
1.10 (1)
15.4
1.15 (1)
13.3
1.20 (1)
12.1
1.25(1)
10.7
1.30
9.88
1.35
9.09
1.40
8.25
1.45
7.68
1.50
6.98
1.55
6.49
1.60
6.04
1.65
5.76
1.70
5.36
1.75
5.11
1.80
4.75
1.85
4.53
1.90
4.22
1.95
4.02
2.00
3.83
(1)
For output voltages less than 1.3 V, the ripple may increase (up to 2×) when operating at input
voltages greater than (VO × 11). See the SmartSync section and the TurboTrans section of the
datasheet for more information.
10
Submit Documentation Feedback
Copyright © 2006–2008, Texas Instruments Incorporated
Product Folder Link(s): PTH08T240F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com