Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PTH08T240FAST Datasheet(PDF) 15 Page - Texas Instruments

Part # PTH08T240FAST
Description  10-A, 4.5-V to 14-V INPUT, NON-ISOLATED POWER MODULE FOR 3-GHz DSP SYSTEMS
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTH08T240FAST Datasheet(HTML) 15 Page - Texas Instruments

Back Button PTH08T240FAST Datasheet HTML 11Page - Texas Instruments PTH08T240FAST Datasheet HTML 12Page - Texas Instruments PTH08T240FAST Datasheet HTML 13Page - Texas Instruments PTH08T240FAST Datasheet HTML 14Page - Texas Instruments PTH08T240FAST Datasheet HTML 15Page - Texas Instruments PTH08T240FAST Datasheet HTML 16Page - Texas Instruments PTH08T240FAST Datasheet HTML 17Page - Texas Instruments PTH08T240FAST Datasheet HTML 18Page - Texas Instruments PTH08T240FAST Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 37 page
background image
TurboTrans™ Technology
TurboTrans™ Selection
PTH08T240F
www.ti.com........................................................................................................................................ SLTS277C – DECEMBER 2006 – REVISED DECEMBER 2008
TurboTrans technology is a feature introduced in the T2 generation of the PTH/PTV family of power modules.
TurboTrans optimizes the transient response of the regulator with added external capacitance using a single
external resistor. Benefits of this technology include reduced output capacitance, minimized output voltage
deviation following a load transient, and enhanced stability when using ultra-low ESR output capacitors. The
amount of output capacitance required to meet a target output voltage deviation is reduced with TurboTrans
activated. Likewise, for a given amount of output capacitance, the amplitude of the voltage deviation following a
load transient is reduced. Applications requiring tight transient voltage tolerances and minimized capacitor
footprint area benefits greatly from this technology.
Utilizing TurboTrans requires connecting a resistor, RTT, between the +Sense pin (pin 6) and the TurboTrans pin
(pin 9). The value of the resistor directly corresponds to the amount of output capacitance required. All T2
products require a minimum value of output capacitance. For the PTH08T240F, the minimum required
capacitance is 1000
µF. Capacitors with a capacitance × ESR product above 1000 µF×mΩ and below 10,000
µF×mΩ are required. (Multiply the capacitance (in µF) by the ESR (in mΩ) to determine the capacitance × ESR
product.) See the Capacitor Selection section of the datasheet for a variety of capacitors that meet this criteria.
Figure 14 thru Figure 21 show the amount of output capacitance required to meet a desired transient voltage
deviation for Type B (e.g. polymer-tantalum) and Type C (e.g. OS-CON) capacitors. To calculate the proper
value of RTT, first determine your required transient voltage deviation limits and magnitude of your transient load
step. Next, determine what type of output capacitors are used. (If more than one type of output capacitor is used,
select the capacitor type that makes up the majority of your total output capacitance.) Knowing this information,
use the chart (Figure 14 thru Figure 21) that corresponds to the capacitor type selected. To use the chart, begin
by dividing the maximum voltage deviation limit (in mV) by the magnitude of your load step (in Amps). This gives
a mV/A value. Find this value on the Y-axis of the appropriate chart. Read across the graph to the 'TurboTrans'
plot. From this point, read down to the X-axis which lists the minimum required capacitance, CO, to meet that
transient voltage deviation. The required RTT resistor value can then be calculated using the equation or selected
from the TurboTrans table. The TurboTrans tables include both the required output capacitance and the
corresponding RTT values to meet several values of transient voltage deviation for 25% (2.5 A), 50% (5 A), and
75% (7.5 A) output load steps.
The chart can also be used to determine the achievable transient voltage deviation for a given amount of output
capacitance. By selecting the amount of output capacitance along the X-axis, reading up to the desired
'TurboTrans'' curve, and then over to the Y-axis, gives the transient voltage deviation limit for that value of output
capacitance. The required RTT resistor value can be calculated using the equation or selected from the
TurboTrans table.
As an example, let's look at a 5-V application requiring a 15-mV deviation during a 3-A load transient. A majority
of 680-
µF, 10-mΩ ouput capacitors will be used. (680 (in µF) × 10 (in mΩ) = 6,800; therefore this is Type C
capacitance). Use the 5-V, Type C capacitor chart, Figure 19. Dividing 15 mV by 3 A gives 5 mV/A transient
voltage deviation per amp of transient load step. Select 5 mV/A on the Y-axis and read across to the
'TurboTrans'' plot. Following this point down to the X-axis gives a minimum required output capacitance of
approximately 1800
µF. The required R
TT resistor value for 1800 µF can then be calculated or selected from
Table 4. The required RTT resistor is approximately 32.0 kΩ.
Applications operating from an input bus greater than 8 V may encounter reduced transient performance when
the output voltage is less than VI/11. Additional output capacitance may be required in order to achieve the
expected transient performance. See Figure 17 and Figure 21 when operating at an increased VI to VO ratio.
Copyright © 2006–2008, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Link(s): PTH08T240F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com