Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MF201 Datasheet(PDF) 4 Page - Texas Instruments

Part # MF201
Description  MULTIPOINT-LVDS LINE DRIVER AND RECEIVER
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MF201 Datasheet(HTML) 4 Page - Texas Instruments

  MF201 Datasheet HTML 1Page - Texas Instruments MF201 Datasheet HTML 2Page - Texas Instruments MF201 Datasheet HTML 3Page - Texas Instruments MF201 Datasheet HTML 4Page - Texas Instruments MF201 Datasheet HTML 5Page - Texas Instruments MF201 Datasheet HTML 6Page - Texas Instruments MF201 Datasheet HTML 7Page - Texas Instruments MF201 Datasheet HTML 8Page - Texas Instruments MF201 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
www.ti.com
RECEIVER ELECTRICAL CHARACTERISTICS
SN65MLVD201, SN65MLVD203
SN65MLVD206, SN65MLVD207
SLLS558C – DECEMBER 2002 – REVISED JANUARY 2007
over recommended operating conditions unless otherwise noted
(1)
PARAMETER
TEST CONDITIONS
MIN TYP(1)
MAX
UNIT
Type 1
50
VIT+
Positive-going differential input voltage threshold
mV
Type 2
150
Type 1
–50
See Figure 9 and Table 1 and
VIT-
Negative-going differential input voltage threshold
mV
Table 2
Type 2
50
Type 1
25
VHYS
Differential input voltage hysteresis, (VIT+ – VIT)
mV
Type 2
0
VOH
High-level output voltage
IOH = –8 mA
2.4
V
VOL
Low-level output voltage
IOL = 8 mA
0.4
V
IIH
High-level input current (RE)
VIH = 2 V
–10
0
µA
IIL
Low-level input current (RE)
VIL = 0.8 V
–10
0
µA
IOZ
High-impedance output current
VO = 0 V or 3.6 V
–10
15
µA
VI = 0.4 sin(30E6πt) + 0.5 V,
(2)
CA or CB
Input capacitance
3
pF
Other input at 1.2 V
CAB
Differential input capacitance
VAB = 0.4 sin(30E6πt) V
(2)
2.5
pF
CA/B
Input capacitance balance, (CA/CB)
0.99
1.01
(1)
All typical values are at 25
°C and with a 3.3-V supply voltage.
(2)
HP4194A impedance analyzer (or equivalent)
4
Submit Documentation Feedback
Copyright © 2002–2007, Texas Instruments Incorporated
Product Folder Link(s): SN65MLVD201 SN65MLVD203 SN65MLVD206 SN65MLVD207



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com