Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MF201 Datasheet(PDF) 2 Page - Texas Instruments

Part # MF201
Description  MULTIPOINT-LVDS LINE DRIVER AND RECEIVER
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MF201 Datasheet(HTML) 2 Page - Texas Instruments

  MF201 Datasheet HTML 1Page - Texas Instruments MF201 Datasheet HTML 2Page - Texas Instruments MF201 Datasheet HTML 3Page - Texas Instruments MF201 Datasheet HTML 4Page - Texas Instruments MF201 Datasheet HTML 5Page - Texas Instruments MF201 Datasheet HTML 6Page - Texas Instruments MF201 Datasheet HTML 7Page - Texas Instruments MF201 Datasheet HTML 8Page - Texas Instruments MF201 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
www.ti.com
PACKAGE DISSIPATION RATINGS
ABSOLUTE MAXIMUM RATINGS
RECOMMENDED OPERATING CONDITIONS
SN65MLVD201, SN65MLVD203
SN65MLVD206, SN65MLVD207
SLLS558C – DECEMBER 2002 – REVISED JANUARY 2007
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ORDERING INFORMATION
PART NUMBER(1)
FOOTPRINT
RECEIVER TYPE
PACKAGE MARKING
SN65MLVD201D
SN75176
Type 1
MF201
SM65MLVD203D
SN75ALS180
Type 1
MLVD203
SN65MLVD206D
SN75176
Type 2
MF206
SM65MLVD207D
SN75ALS180
Type 2
MLVD207
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
TA ≤ 25°C
DERATING FACTOR
TA = 85°C
PACKAGE
POWER RATING
ABOVE TA = 25°C
POWER RATING
D(8)
725 mW
5.8 mW/
°C
377 mW
D(14)
950 mW
7.6 mW/
°C
494 mw
over operating free-air temperature range (unless otherwise noted)
(1)
VALUE / UNIT
Supply voltage range(2), VCC
–0.5 V to 4 V
D, DE, RE
–0.5 V to 4 V
Input voltage range
A, B (201, 206)
–1.8 V to 4 V
A, B (203, 207)
–4 V to 6 V
R
–0.3 V to 4 V
Output voltage range
Y, Z, A, or B
–1.8 V to 4 V
A, B, Y, and Z
±8 kV
Human Body Model(3)
Electrostatic discharge
All pins
±2 kV
Charged-Device Model(4)
All pins
±1500 V
Continuous power dissipation
See Dissipation Rating Table
Storage temperature range
–65
°C to 150°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values, except differential I/O bus voltages, are with respect to network ground terminal.
(3)
Tested in accordance with JEDEC Standard 22, Test Method A114-A.
(4)
Tested in accordance with JEDEC Standard 22, Test Method C101.
MIN
NOM
MAX UNIT
VCC
Supply voltage
3
3.3
3.6
V
VIH
High-level input voltage
2
VCC
V
VIL
Low-level input voltage
GND
0.8
V
Voltage at any bus terminal VA, VB, VY or VZ
–1.4
3.8
V
|VID|
Magnitude of differential input voltage
0.05
VCC
V
TA
Operating free-air temperature
–40
85
°C
2
Submit Documentation Feedback
Copyright © 2002–2007, Texas Instruments Incorporated
Product Folder Link(s): SN65MLVD201 SN65MLVD203 SN65MLVD206 SN65MLVD207



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com