Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS5709PHPR Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5709PHPR
Description  20-W STEREO DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5709PHPR Datasheet(HTML) 39 Page - Texas Instruments

Back Button TAS5709PHPR Datasheet HTML 35Page - Texas Instruments TAS5709PHPR Datasheet HTML 36Page - Texas Instruments TAS5709PHPR Datasheet HTML 37Page - Texas Instruments TAS5709PHPR Datasheet HTML 38Page - Texas Instruments TAS5709PHPR Datasheet HTML 39Page - Texas Instruments TAS5709PHPR Datasheet HTML 40Page - Texas Instruments TAS5709PHPR Datasheet HTML 41Page - Texas Instruments TAS5709PHPR Datasheet HTML 42Page - Texas Instruments TAS5709PHPR Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 59 page
background image
CLOCK CONTROL REGISTER (0x00)
DEVICE ID REGISTER (0x01)
TAS5709
www.ti.com........................................................................................................................................................................................... SLOS599 – NOVEMBER 2008
The clocks and data rates are automatically determined by the TAS5709. The clock control register contains the
auto-detected clock status. Bits D7–D5 reflect the sample rate. Bits D4–D2 reflect the MCLK frequency.
Table 3. Clock Control Register (0x00)
D7
D6
D5
D4
D3
D2
D1
D0
FUNCTION
0
0
0
–
–
–
–
–
fS = 32-kHz sample rate
0
0
1
–
–
–
–
–
Reserved(1)
0
1
0
–
–
–
–
–
Reserved(1)
0
1
1
–
–
–
–
–
fS = 44.1/48-kHz sample rate
(2)
1
0
0
–
–
–
–
–
fs = 16-kHz sample rate
1
0
1
–
–
–
–
–
fs = 22.05/24 -kHz sample rate
1
1
0
–
–
–
–
–
fs = 8-kHz sample rate
1
1
1
–
–
–
–
–
fs = 11.025/12 -kHz sample rate
–
–
–
0
0
0
–
–
MCLK frequency = 64 × fS
(3)
–
–
–
0
0
1
–
–
MCLK frequency = 128 × fS
(3)
–
–
–
0
1
0
–
–
MCLK frequency = 192 × fS
(4)
–
–
–
0
1
1
–
–
MCLK frequency = 256 × fS
(2) (5)
–
–
–
1
0
0
–
–
MCLK frequency = 384 × fS
–
–
–
1
0
1
–
–
MCLK frequency = 512 × fS
–
–
–
1
1
0
–
–
Reserved(1)
–
–
–
1
1
1
–
–
Reserved(1)
–
–
–
–
–
–
0
–
Reserved(1)
–
–
–
–
–
–
–
0
Reserved(1)
(1)
Reserved registers should not be accessed.
(2)
Default values are in bold.
(3)
Only available for 44.1 kHz and 48 kHz rates.
(4)
Rate only available for 32/44.1/48 KHz sample rates
(5)
Not available at 8 kHz
The device ID register contains the ID code for the firmware revision.
Table 4. General Status Register (0x01)
D7
D6
D5
D4
D3
D2
D1
D0
FUNCTION
X
–
–
–
–
–
–
–
Reserved
–
1
1
1
0
0
0
0
Identification code
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
39
Product Folder Link(s): TAS5709



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com