Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS5709PHPR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5709PHPR
Description  20-W STEREO DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5709PHPR Datasheet(HTML) 7 Page - Texas Instruments

Back Button TAS5709PHPR Datasheet HTML 3Page - Texas Instruments TAS5709PHPR Datasheet HTML 4Page - Texas Instruments TAS5709PHPR Datasheet HTML 5Page - Texas Instruments TAS5709PHPR Datasheet HTML 6Page - Texas Instruments TAS5709PHPR Datasheet HTML 7Page - Texas Instruments TAS5709PHPR Datasheet HTML 8Page - Texas Instruments TAS5709PHPR Datasheet HTML 9Page - Texas Instruments TAS5709PHPR Datasheet HTML 10Page - Texas Instruments TAS5709PHPR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 59 page
background image
TAS5709
www.ti.com........................................................................................................................................................................................... SLOS599 – NOVEMBER 2008
PIN FUNCTIONS (continued)
PIN
TYPE
5-V
TERMINATION
DESCRIPTION
(1)
TOLERANT
(2)
NAME
NO.
NC
8
–
No connection
OC_ADJ
7
AO
Analog overcurrent programming. Requires resistor to ground.
OSC_RES
16
AO
Oscillator trim resistor. Connect an 18.2-k
Ω 1% resistor to DVSSO.
OUT_A
1
O
Output, half-bridge A
OUT_B
46
O
Output, half-bridge B
OUT_C
39
O
Output, half-bridge C
OUT_D
36
O
Output, half-bridge D
PDN
19
DI
5-V
Pullup
Power down, active-low. PDN prepares the device for loss of power
supplies by shutting down the Noise Shaper and initiating PWM stop
sequence.
PGND_AB
47, 48
P
Power ground for half-bridges A and B
PGND_CD
37, 38
P
Power ground for half-bridges C and D
PLL_FLTM
10
AO
PLL negative loop filter terminal
PLL_FLTP
11
AO
PLL positive loop filter terminal
PVDD_A
2, 3
P
Power supply input for half-bridge output A
PVDD_B
44, 45
P
Power supply input for half-bridge output B
PVDD_C
40, 41
P
Power supply input for half-bridge output C
PVDD_D
34, 35
P
Power supply input for half-bridge output D
RESET
25
DI
5-V
Pullup
Reset, active-low. A system reset is generated by applying a logic low
to this pin. RESET is an asynchronous control signal that restores the
DAP to its default conditions, and places the PWM in the hard mute
state (tristated).
SCL
24
DI
5-V
I2C serial control clock input
SCLK
21
DI
5-V
Pulldown
Serial audio data clock (shift clock). SCLK is the serial audio port input
data bit clock.
SDA
23
DIO
5-V
I2C serial control data interface input/output
SDIN
22
DI
5-V
Pulldown
Serial audio data input. SDIN supports three discrete (stereo) data
formats.
SSTIMER
6
AI
Controls ramp time of OUT_X to minimize pop. Leave this pin floating
for BD mode. Requires capacitor of 2.2 nF to GND in AD mode. The
capacitor determines the ramp time.
STEST
26
DI
Factory test pin. Connect directly to DVSS.
FAULT
14
DO
Backend error indicator. Asserted LOW for over temperature, over
current, over voltage, and under voltage error conditions. De-asserted
upon recovery from error condition.
VR_ANA
12
P
Internally regulated 1.8-V analog supply voltage. This pin must not be
used to power external devices.
VR_DIG
18
P
Internally regulated 1.8-V digital supply voltage. This pin must not be
used to power external devices.
VREG
31
P
Digital regulator output. Not to be used for powering external circuitry.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): TAS5709



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com