Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT86RF231 Datasheet(PDF) 13 Page - ATMEL Corporation

Part # AT86RF231
Description  Low power 2.4 GHz Transceiver for ZigBee, IEEE 802.15.4, and ISM Applications
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT86RF231 Datasheet(HTML) 13 Page - ATMEL Corporation

Back Button AT86RF231 Datasheet HTML 9Page - ATMEL Corporation AT86RF231 Datasheet HTML 10Page - ATMEL Corporation AT86RF231 Datasheet HTML 11Page - ATMEL Corporation AT86RF231 Datasheet HTML 12Page - ATMEL Corporation AT86RF231 Datasheet HTML 13Page - ATMEL Corporation AT86RF231 Datasheet HTML 14Page - ATMEL Corporation AT86RF231 Datasheet HTML 15Page - ATMEL Corporation AT86RF231 Datasheet HTML 16Page - ATMEL Corporation AT86RF231 Datasheet HTML 17Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 180 page
background image
13
8111A–AVR–05/08
AT86RF231
the reference frequency, large parasitic capacitances should be avoided. Crystal lines should be
routed as short as possible and not in proximity of digital I/O signals. This is especially required
for the High Data Rate Modes, refer to Section 11.3 “High Data Rate Modes” on page 137.
Crosstalk from digital signals on the crystal pins or the RF pins can degrade the system perfor-
mance. Therefore, a low-pass filter (C3, R1) is placed close to the CLKM output pin to reduce
the emission of CLKM signal harmonics. This is not needed if the CLKM pin is not used as a
microcontroller clock source. In that case, the output should be turned off during device
initialization.
The ground plane of the application board should be separated into four independent fragments,
the analog, the digital, the antenna and the XTAL ground plane. The exposed paddle shall act as
the reference point of the individual grounds.
Table 5-1.
Example Bill of Materials (BoM) for Basic Application Schematic
Designator
Description
Value
Manufacture
Part Number
Comment
B1
SMD balun
2.4 GHz
Wuerth
748421245
CB1
CB3
LDO VREG
bypass capacitor
1 µF
AVX
Murata
0603YD105KAT2A
GRM188R61C105KA12D
X5R
(0603)
10%
16V
CB2
CB4
Power Supply decoupling
CX1, CX2
Crystal load capacitor
12 pF
AVX
Murata
06035A120JA
GRP1886C1H120JA01
COG
(0603)
5%
50V
C1, C2
RF coupling capacitor
22 pF
Epcos
Epcos
AVX
B37930
B37920
06035A220JAT2A
COG
5%
(0402 or 0603)
C3
CLKM low-pass
filter capacitor
2.2 pF
AVX
Murata
06035A229DA
GRP1886C1H2R0DA01
COG
(0603)
±0.5 pF
Designed for f
CLKM=1 MHz
C4
RF matching
0.47 pF
Johnstech
R1
CLKM low-pass
filter resistor
680
Ω
Designed for f
CLKM=1 MHz
XTAL
Crystal
CX-4025 16 MHz
SX-4025 16 MHz
ACAL Taitjen
Siward
XWBBPL-F-1
A207-011



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com