Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT86RF231 Datasheet(PDF) 39 Page - ATMEL Corporation

Part # AT86RF231
Description  Low power 2.4 GHz Transceiver for ZigBee, IEEE 802.15.4, and ISM Applications
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT86RF231 Datasheet(HTML) 39 Page - ATMEL Corporation

Back Button AT86RF231 Datasheet HTML 35Page - ATMEL Corporation AT86RF231 Datasheet HTML 36Page - ATMEL Corporation AT86RF231 Datasheet HTML 37Page - ATMEL Corporation AT86RF231 Datasheet HTML 38Page - ATMEL Corporation AT86RF231 Datasheet HTML 39Page - ATMEL Corporation AT86RF231 Datasheet HTML 40Page - ATMEL Corporation AT86RF231 Datasheet HTML 41Page - ATMEL Corporation AT86RF231 Datasheet HTML 42Page - ATMEL Corporation AT86RF231 Datasheet HTML 43Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 180 page
background image
39
8111A–AVR–05/08
AT86RF231
Figure 7-2.
Timing of RX_START, AMI and TRX_END Interrupts in Basic Operating Mode
7.1.4
Basic Operating Mode Timing
The following paragraphs depict state transitions and their timing properties. Timing figures are
explained in Table 7-1 on page 42 and Section 12.4 “Digital Interface Timing Characteristics” on
page 157.
7.1.4.1
Power-on Procedure
The power-on procedure to P_ON state is shown in Figure 7-3 on page 39.
Figure 7-3.
Power-on Procedure to P_ON State
When the external supply voltage (V
DD) is firstly supplied to the AT86RF231, the radio trans-
ceiver enables the crystal oscillator (XOSC) and the internal 1.8V voltage regulator for the digital
domain (DVREG). After t
TR1 = 380 µs (typ.), the master clock signal is available at pin 17
(CLKM) at default rate of 1 MHz. If CLKM is available the SPI is already enabled and can be
used to control the transceiver. As long as no state change towards state TRX_OFF is per-
formed the radio transceiver remains in P_ON state.
128
160
192
0
192+(9+m)*32
-16
Time [µs]
IRQ_2 (RX_START)
RX_ON
RX_ON
IRQ
TRX_STATE
Interrupt latency
TRX_END
IRQ_5 (AMI)
tIRQ
BUSY_RX
IRQ_3 (TRX_END)
PLL_ON
BUSY_TX
PLL_ON
IRQ
SLP_TR
TRX_STATE
Typ. Processing Delay
16 µs
Preamble
SFD
PHR
MSDU
41
1
m
Number of Octets
Frame Content
MHR
7
FCS
2
tIRQ
tIRQ
0
Event
State
VDD on
P_ON
Block
XOSC, DVREG
100
CLKM on
400
Time [µs]
Time
tTR1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com