Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WARP20 Datasheet(PDF) 8 Page - STMicroelectronics

Part # WARP20
Description  8-BIT FUZZY CO-PROCESSOR
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

WARP20 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button WARP20 Datasheet HTML 4Page - STMicroelectronics WARP20 Datasheet HTML 5Page - STMicroelectronics WARP20 Datasheet HTML 6Page - STMicroelectronics WARP20 Datasheet HTML 7Page - STMicroelectronics WARP20 Datasheet HTML 8Page - STMicroelectronics WARP20 Datasheet HTML 9Page - STMicroelectronics WARP20 Datasheet HTML 10Page - STMicroelectronics WARP20 Datasheet HTML 11Page - STMicroelectronics WARP20 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
Mode
PRESET
OFL
AUTO
OE
I0-I7
RD
SIS0-SIS2
O0-O7 O8-O10
O11
OC0-OC1
Off-Line
Slave
VIH
VIH
VIL
X
Data In
X
X
X
X
X
Off-Line
Autoboot
VIH
VIH
VIH
VIH
Data In
X
Clock
Rate
Selection
Code
External Memory
Addresses
X
On-Line
Master
(2 )
VIH
VIL
X
(2)
VIH
Data In
X
Data
Out
Next
Input
(2)
Output
Selection
On-Line
Slave
(3)
VIH
VIL
X
(2)
VIH
Data In
Input
Selection
Data
Out
X
(2)
Output
Selection
Output
Disable
VIH
XX
VIL
X
X
X
Hi-Z
X
Reset
(4)
XX
X
X
X
X
VOL
VOL
VOL
VOL
Table 3. Operating Modes (1)
Notes: 1. This table uses default active handshaking signal polarity (see table 6), X = don’t care.
2. If AUTO is High pulse in O11 is absent.
3. LASTIN and WAIT pulses are optional.
4. Same operation is obtained when positive and negative OFL transactions occour.
INTERNAL STRUCTURE
The block diagram shown in figure 2 describes the
structure of W.A.R.P.2.0 (a more detailed block
diagram is shown in fig. 11).
Input Port. This internal block performs the input
data routing. Data are read one byte a time from the
input data bus, internally stored, and sent to the
ALPHA calculator following the rules loaded in the
Program Memory. Input data resolution is 8 bit.
The cycle starts when all inputs or a LASTIN High
have been provided and continues until BUSY is
active or a PRESET signal is given. When BUSY
becomes inactive a new acquisition phase can start.
Alpha Calculator. This block calculates the inter-
section (ALPHA weight) between an Antecedent
Membership Function and the corresponding crisp
input (see figure 8).
Inference Unit. Thanks to the Theta Operator, the
Inference Unit generates the THETA weights which
are used to manipulate the consequent MFs.
This is a calculation of the maximum and/or mini-
mum performed on ALPHA values according to the
logical connectives of fuzzy rules. It is possible to
utilize the AND/OR connectives and to directly ex-
ploit ALPHA weights or the negated values. The
number of THETA weights depends on the number
of rules.
The rules can have at maximum four ALPHA
weights (however they are connected). Two or more
rules can be only joined with the OR connective.
Inference Unit structure is shown in figure 9.
Defuzzifier. It generates the output crisp values
implementing the consequent part of the rules.
In this method consequent MFs are multiplied by a
weight value
Ω (OMEGA), which is calculated on
the basis of antecedent MFs and logical operators.
The processing of fuzzy rules produces, for each
output variable, a resulting membership function.
Each MF related to the processed output variable
is firstly modified by a rule weight.
Output value (Y) is deduced from the centroids (Xi)
and the modified MFs (
i ) by using the formula:
Y
=
1
n
i ∗ X i
1
n
i
n = number of MFs of the Output Variable.
Xi =absciss of the MFi centroid.
i =membership degree of the output MFi.
Two parallel blocks calculate the numerator and
denominator values to implement the centroids
formula. A final division block calculates the output
values (see figure 10).
8/28
W.A.R.P.2.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com