Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WARP20 Datasheet(PDF) 12 Page - STMicroelectronics

Part # WARP20
Description  8-BIT FUZZY CO-PROCESSOR
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

WARP20 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button WARP20 Datasheet HTML 8Page - STMicroelectronics WARP20 Datasheet HTML 9Page - STMicroelectronics WARP20 Datasheet HTML 10Page - STMicroelectronics WARP20 Datasheet HTML 11Page - STMicroelectronics WARP20 Datasheet HTML 12Page - STMicroelectronics WARP20 Datasheet HTML 13Page - STMicroelectronics WARP20 Datasheet HTML 14Page - STMicroelectronics WARP20 Datasheet HTML 15Page - STMicroelectronics WARP20 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
0
0
64
16
32
48
M emb er ship
Functions
related to
INPUT 1
M emb er ship
Functions
related to
INPUT 2
M emb er ship
Functions
related to
INPUT 3
M emb er ship
Functions
related to
INPUT 4
0
16
8
0
0
8
M Fs relate d
to INPUT8
M Fs relate d
to INPUT7
M Fs relate d
to INPUT6
M Fs relate d
to INPUT5
M Fs relate d
to INPUT4
M Fs relate d
to INPUT3
M Fs relate d
to INPUT2
M Fs relate d
to INPUT1
64
Figure 12. Antecedent Memory Spaces.
0
25 6 Microco de
Cons e que nt M Fs
rela te d to RULE 256
Mic roco de
Cons e que nt M Fs
rela te d to RULE 1
Mic roco de
Cons e que nt M Fs
rela te d to RULE 2
1
2
0
2
Numbe r of Words to lo ad from the ex ternal
Me mory
A/D Sta rt Conve r sion Pulse width
Hands haking signal s polarity
Num b e r of Inputs -1
Num be r of Outputs - 1
Antece dent Me mory Configuration
On-Line phase Ma ste r/Slav e
3
4
1
Figure 13. Program/Consequent Memory and Register Bench.
MEMORY
There are three memories in W.A.R.P.2.0, the
Antecedent Memory (AM), The Program/Conse-
quent Memory (PCM) and the Register Bench
(RB).
The AM is divided in 4 spaces, each having a
maximum of 64 bytes. It is also possible to divide
the AM in 8 parts, each having a maximum of 32
bytes.
It is possible to configure the AM in the following
modes (see fig. 12):
a) up to 4 inputs, each with 16 Antecedent MFs
(MAX);
b) up to 8 inputs, each with 8 Antecedent MFs
(MAX);
Each word (4 byte) of the AM contains the data of
a single MF related to an input. If W.A.R.P.2.0 has
been configured to accept up to 4 inputs it is
possible to have up to 16 MFs for each input. If
W.A.R.P.2.0 has been configured to accept up to 8
inputs it is possible to have up to 8 MFs for each
input. Each MF of the AM contains 3 (or 2) bit
indicating to which input variable the MF is corre-
lated.
The PCM is composed by 256 words (see fig. 13).
Each row (word) is related to a single rule and
contains 36 bit of microcode and 8 bit indicating the
consequent MF (crisp) related to this rule.
The RB contains data for the configuration of the
processor that can be set by software.
It is possible to fix:
the number of inputs, the number of outputs, the
address of the last word to load from the external
memory, the number of MF per input, the width of
the start A/D conversion pulse, the handshaking
signals polarity and the functioning mode of the
processor (Master/Slave).
12/28
W.A.R.P.2.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com