Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TYPE5145 Datasheet(PDF) 1 Page - Frontier Electronics.

Part # TYPE5145
Description  TV Convergence & Width coils
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

TYPE5145 Datasheet(HTML) 1 Page - Frontier Electronics.

  TYPE5145 Datasheet HTML 1Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TV Convergence & Width coils
Rev. A
Jan. 01, 2006. Page: 1 of 1
Frontier Electronics Corp.
667 E. COCHRAN STREET, SIMI VALLEY, CA 93065
TEL: (805) 522-9998
FAX: (805) 522-9989
E-mail: frontiersales@frontierusa.com
Web: frontierusa.com
TV Convergence & Width coils
Custom specifications are available.
Note:
RoHS compliant; for the ROHS parts, we add “-LFR” at the end of the P/N.


Similar Part No. - TYPE5145

ManufacturerPart #DatasheetDescription
logo
Rohm
TYPE ROHM-TYPE Datasheet
307Kb / 8P
Zener diode
logo
List of Unclassifed Man...
TYPE-LA ETC2-TYPE-LA Datasheet
117Kb / 1P
DC Ammeter Shunts
TYPE-LB ETC2-TYPE-LB Datasheet
109Kb / 1P
170 through 600 Amperes
logo
Mini-Circuits
TYPE-N_SMA MINI-TYPE-N_SMA Datasheet
53Kb / 1P
50OHM, DC to 18 GHz
logo
Dubilier
TYPEBSERIES DUBILIER-TYPEBSERIES Datasheet
455Kb / 2P
Glass filled polyester (PBT, UL flammability 94V-0)
More results

Similar Description - TYPE5145

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN5769 PANASONIC-AN5769 Datasheet
55Kb / 6P
H/V convergence correction IC
logo
Sanyo Semicon Device
STK390-120 SANYO-STK390-120 Datasheet
78Kb / 4P
1-Channel Supply Switching Convergence Correction Circuit(Ic max=4A)
STK391-020 SANYO-STK391-020 Datasheet
143Kb / 5P
2-Channel Convergence Correction Circuit(Ic max=6A)?
STK392-010 SANYO-STK392-010 Datasheet
96Kb / 4P
3-Channel Convergence Correction Circuit(Ic max=5A)???
STK392-040 SANYO-STK392-040 Datasheet
96Kb / 4P
3-Channel Convergence Correction Circuit(Ic max=7A)
STK392-110 SANYO-STK392-110 Datasheet
91Kb / 4P
3-Channel Convergence Correction Circuit(Ic max=3A)
logo
STMicroelectronics
STV2050A STMICROELECTRONICS-STV2050A Datasheet
645Kb / 83P
AUTOMATIC MULTISCAN DIGITAL CONVERGENCE PROCESSOR
Sep-2003
logo
Siemens Semiconductor G...
SLE4520 SIEMENS-SLE4520 Datasheet
468Kb / 11P
Pulse-Width Modulator
logo
List of Unclassifed Man...
M82710 ETC2-M82710 Datasheet
172Kb / 2P
ComcertoTM 700 Series Carrier Convergence Processor
logo
Sanyo Semicon Device
STK392-120 SANYO-STK392-120 Datasheet
736Kb / 6P
CONVERGENCE CORRECTION AMPLIFIER 3CHANNELO/1PACKAGE OUTPUT CURRENT 4A
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com