Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1014DN Datasheet(PDF) 1 Page - Linear Technology

Part # LT1014DN
Description  Quad Precision Op Amp (LT1014) Dual Precision Op Amp (LT1013)
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1014DN Datasheet(HTML) 1 Page - Linear Technology

  LT1014DN Datasheet HTML 1Page - Linear Technology LT1014DN Datasheet HTML 2Page - Linear Technology LT1014DN Datasheet HTML 3Page - Linear Technology LT1014DN Datasheet HTML 4Page - Linear Technology LT1014DN Datasheet HTML 5Page - Linear Technology LT1014DN Datasheet HTML 6Page - Linear Technology LT1014DN Datasheet HTML 7Page - Linear Technology LT1014DN Datasheet HTML 8Page - Linear Technology LT1014DN Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
1
LT1013/LT1014
10134fc
Quad Precision Op Amp (LT1014)
Dual Precision Op Amp (LT1013)
The LT
®1014isthefirstprecisionquadoperationalamplifier
which directly upgrades designs in the industry standard
14-pin DIP LM324/LM348/OP-11/4156 pin configuration.
It is no longer necessary to compromise specifications,
while saving board space and cost, as compared to single
operational amplifiers.
The LT1014’s low offset voltage of 50
μV, drift of 0.3μV/°C,
offset current of 0.15nA, gain of 8 million, common mode
rejection of 117dB and power supply rejection of 120dB
qualify it as four truly precision operational amplifiers.
Particularly important is the low offset voltage, since no
offset null terminals are provided in the quad configura-
tion. Although supply current is only 350
μA per amplifier,
a new output stage design sources and sinks in excess of
20mA of load current, while retaining high voltage gain.
Similarly, the LT1013 is the first precision dual op amp in
the 8-pin industry standard configuration, upgrading the
performance of such popular devices as the MC1458/
1558, LM158 and OP-221. The LT1013’s specifications
are similar to (even somewhat better than) the LT1014’s.
Both the LT1013 and LT1014 can be operated off a single
5V power supply: input common mode range includes
ground; the output can also swing to within a few millivolts
of ground. Crossover distortion, so apparent on previous
single-supply designs, is eliminated. A full set of specifi-
cations is provided with
±15V and single 5V supplies.
■ Single Supply Operation
Input Voltage Range Extends to Ground
Output Swings to Ground while Sinking Current
■ Pin Compatible to 1458 and 324 with Precision Specs
■
Guaranteed Offset Voltage: 150
μV Max
■
Guaranteed Low Drift: 2
μV/°C Max
■
Guaranteed Offset Current: 0.8nA Max
■
Guaranteed High Gain
5mA Load Current: 1.5 Million Min
17mA Load Current: 0.8 Million Min
■
Guaranteed Low Supply Current: 500
μA Max
■ Low Voltage Noise, 0.1Hz to 10Hz: 0.55
μVp-p
■ Low Current Noise—Better than 0P-07, 0.07pA/
√Hz
■
Battery-Powered Precision Instrumentation
Strain Gauge Signal Conditioners
Thermocouple Amplifiers
Instrumentation Amplifiers
■ 4mA–20mA Current Loop Transmitters
■ Multiple Limit Threshold Detection
■ Active Filters
■ Multiple Gain Blocks
LT1014
1
4
11
2
3
+5V
+5V
1M
4k
OUTPUT A
10mV/
°C
LT1014
7
6
5
1M
OUTPUT B
10mV/
°C
4k
1.8k
YSI 44007
5k
Ω
AT 25
°C
260
Ω
1684
Ω
299k
3k
LT1004
1.2V
14
12
13
–
+
LT1014
USE TYPE K THERMOCOUPLES. ALL RESISTORS = 1% FILM.
COLD JUNCTION COMPENSATION ACCURATE
TO
±1°C FROM 0°C
60
°C.
USE 4TH AMPLIFIER FOR OUTPUT C.
LT1014 Distribution of Offset Voltage
3 Channel Thermocouple Thermometer
INPUT OFFSET VOLTAGE (
μV)
–300
0
200
–200
–100
100
300
700
600
500
400
300
200
100
0
VS = ±15V
TA = 25°C
425 LT1014s
(1700 OP AMPS)
TESTED FROM
THREE RUNS
J PACKAGE
1013/14 TA02
FEATURES
TYPICAL APPLICATIO
DESCRIPTIO
APPLICATIO S
, LT, LTC and LTM are registered trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners.


Similar Part No. - LT1014DN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LT1014DN TI-LT1014DN Datasheet
631Kb / 30P
QUAD PRECISION OPERATIONAL AMPLIFIERS
logo
Linear Technology
LT1014DN LINER-LT1014DN Datasheet
545Kb / 20P
Quad Precision Op Amp
logo
Texas Instruments
LT1014DN TI-LT1014DN Datasheet
869Kb / 32P
QUAD PRECISION OPERATIONAL AMPLIFIERS
logo
Linear Integrated Syste...
LT1014DN LINEAR-LT1014DN Datasheet
465Kb / 26P
Single Supply Operation Input Voltage Range Extends to Ground
LT1014DN LINEAR-LT1014DN Datasheet
465Kb / 26P
Single Supply Operation Input Voltage Range Extends to Ground
More results

Similar Description - LT1014DN

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1013 LINER-LT1013 Datasheet
545Kb / 20P
Quad Precision Op Amp
LT1413 LINER-LT1413 Datasheet
272Kb / 8P
Single Supply, Dual Precision Op Amp
LT1457 LINER-LT1457 Datasheet
238Kb / 8P
Dual, Precision JFET Input Op Amp
logo
Linear Dimensions Semic...
LT1013CN8 LINEAR_DIMENSIONS-LT1013CN8 Datasheet
519Kb / 26P
Quad Precision Op Amp (LT1014) Dual Precision Op Amp (LT1013)
logo
Analog Devices
AD713KNZ AD-AD713KNZ Datasheet
362Kb / 20P
Precision, High Speed, BiFET Quad Op Amp
Rev. F
logo
Linear Technology
LT1413 LINER-LT1413_15 Datasheet
253Kb / 8P
Single Supply, Dual Precision Op Amp
LT1457 LINER-LT1457_15 Datasheet
225Kb / 8P
Dual, Precision JFET Input Op Amp
LT1013 LINER-LT1013_15 Datasheet
519Kb / 26P
Dual Precision Op Amp
LT1014 LINER-LT1014_15 Datasheet
519Kb / 26P
Quad Precision Op Amp
logo
Anaren Microwave
MSK198RHL ANAREN-MSK198RHL Datasheet
453Kb / 7P
RAD HARD DUAL PRECISION OP-AMP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com