Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1014DN Datasheet(PDF) 11 Page - Linear Technology

Part # LT1014DN
Description  Quad Precision Op Amp (LT1014) Dual Precision Op Amp (LT1013)
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1014DN Datasheet(HTML) 11 Page - Linear Technology

Back Button LT1014DN Datasheet HTML 7Page - Linear Technology LT1014DN Datasheet HTML 8Page - Linear Technology LT1014DN Datasheet HTML 9Page - Linear Technology LT1014DN Datasheet HTML 10Page - Linear Technology LT1014DN Datasheet HTML 11Page - Linear Technology LT1014DN Datasheet HTML 12Page - Linear Technology LT1014DN Datasheet HTML 13Page - Linear Technology LT1014DN Datasheet HTML 14Page - Linear Technology LT1014DN Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
11
LT1013/LT1014
10134fc
–
+
A2
LT1014
6
5
7
6.98k*
1k*
5k
FLOW
CALIB
1
μF
10M
RESPONSE
TIME
100k
1M*
A1
LT1014
2
3
1
1M*
1M*
6.25k**
1M*
T2
T1
3.2k*
3.2k**
6.25k**
15
Ω
DALE
HL-25
A4
LT1014
12
13
14
4
11
+15V
–15V
300pF
4.7k
+15V
OUTPUT
0Hz
300Hz =
0
300ML/MIN
1N4148
A3
LT1014
9
10
8
100k
100k
0.1
100k
383k*
2.7k
–15V
LT1004
–1.2
2N4391
15
Ω HEATER RESISTOR
FLOW
FLOW
PIPE
T1
T2
1% FILM RESISTOR.
SUPPLIED WITH YSI THERMISTOR NETWORK.
T1, T2 YSI THERMISTOR NETWORK = #44201.
FLOW IN PIPE IS INVERSELY PROPORTIONAL TO
RESISTANCE OF T1–T2 TEMPERATURE DIFFERENCE.
A1–A2 PROVIDE GAIN. A3–A4 PROVIDE LINEARIZED
FREQUENCY OUTPUT.
*
**
+15V
1013/14 TA06
Hot Wire Anemometer
A4
LT1014
13
14
12
0V–10V =
0–1000 FEET/MINUTE
10M
RESPONSE
TIME
ADJUST
1
μF
1
μF
100k
A3
LT1014
9
8
10
500k
2M
FULL-
SCALE
FLOW
12k
A2
LT1014
6
7
5
150k*
2k
Q4
Q5
Q2
Q3
1000pF
33k
2k
Q2–Q5
CA3046
PIN 3 TO –15V
1k
ZERO
FLOW
3.3k
–15V
150k*
+15V
A1
LT1014
2
1
3
Q1
2N6533
220
500pF
+15V
–15V
4
11
0.01
μF
10k*
27
Ω
1W
2k*
#328
REMOVE LAMP'S GLASS ENVELOPE FROM 328 LAMP.
A1 SERVOS #328 LAMP TO CONSTANT TEMPERATURE.
A2-A3 FURNISH LINEAR OUTPUT vs FLOW RATE.
1% RESISTOR.
*
1013/14 TA05
Liquid Flowmeter
TYPICAL APPLICATIO S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com