Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1101SW Datasheet(PDF) 5 Page - Linear Integrated Systems

Part # LT1101SW
Description  Precision, Micropower, Single Supply Instrumentation Amplifier (Fixed Gain = 10 or 100)
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LT1101SW Datasheet(HTML) 5 Page - Linear Integrated Systems

  LT1101SW Datasheet HTML 1Page - Linear Integrated Systems LT1101SW Datasheet HTML 2Page - Linear Integrated Systems LT1101SW Datasheet HTML 3Page - Linear Integrated Systems LT1101SW Datasheet HTML 4Page - Linear Integrated Systems LT1101SW Datasheet HTML 5Page - Linear Integrated Systems LT1101SW Datasheet HTML 6Page - Linear Integrated Systems LT1101SW Datasheet HTML 7Page - Linear Integrated Systems LT1101SW Datasheet HTML 8Page - Linear Integrated Systems LT1101SW Datasheet HTML 9Page - Linear Integrated Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
LT1101
1101fa
ELECTRICAL CHARACTERISTICS V
S = ±15V, VCM = 0V, Gain = 10 or 100, 0°C ≤ TA ≤ 70°C, unless
otherwise noted.
LT1101AC
LT1101C/S
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
GE
Gain Error
G = 100, VO = ±10V, RL = 50k
0.012
0.055
0.014
0.080
%
G = 100, VO = ±10V, RL = 2k
0.018
0.085
0.020
0.100
%
G = 10, VO = ±10V, RL = 50k or 2k
0.009
0.055
0.010
0.080
%
TCGE
Gain Error Drift
G = 100, RL = 50k
1
4
1
5
ppm/°C
(Note 2)
G = 100, RL = 2k
2
7
2
9
ppm/°C
G = 10, RL = 50k or 5k
1
4
1
5
ppm/°C
GNL
Gain Nonlinearity
G = 100, RL = 50k
9
25
10
35
ppm
G = 100, RL = 2k
33
75
36
100
ppm
G = 10, RL = 50k or 2k
4
10
4
11
ppm
VOS
Input Offset Voltage
70
250
85
350
µV
LT1101SW
300
800
µV
∆VOS/∆T Input Offset Voltage Drift
(Note 2)
0.4
2.0
0.5
2.8
µV/°C
LT1101SW
1.2
4.5
µV/°C
lOS
Input Offset Current
0.14
0.70
0.17
1.10
nA
∆IOS/∆T
Input Offset Current Drift
(Note 2)
0.5
4.0
0.8
7.0
pA/°C
IB
Input Bias Current
6
9
6
11
nA
∆IB/∆T
Input Bias Current Drift
(Note 2)
10
25
10
30
pA/°C
CMRR
Common Mode
G = 100, VCM = –14.4V to 13V
98
112
96
112
dB
Rejection Ratio
G = 100, VCM = –13V to 11.5V
82
100
80
99
dB
PSRR
Power Supply
VS = 2.5, –0.1V to ±18V
100
112
97
112
dB
Rejection Ratio
IS
Supply Current
98
148
100
170
µA
VO
Maximum 0utput
RL = 50k
±12.5
±14.1
±12.5
±14.1
V
Voltage Swing
RL = 2k
±10.5
±13.0
±10.5
±13.0
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com