Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1101SW Datasheet(PDF) 8 Page - Linear Integrated Systems

Part # LT1101SW
Description  Precision, Micropower, Single Supply Instrumentation Amplifier (Fixed Gain = 10 or 100)
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LT1101SW Datasheet(HTML) 8 Page - Linear Integrated Systems

Back Button LT1101SW Datasheet HTML 4Page - Linear Integrated Systems LT1101SW Datasheet HTML 5Page - Linear Integrated Systems LT1101SW Datasheet HTML 6Page - Linear Integrated Systems LT1101SW Datasheet HTML 7Page - Linear Integrated Systems LT1101SW Datasheet HTML 8Page - Linear Integrated Systems LT1101SW Datasheet HTML 9Page - Linear Integrated Systems LT1101SW Datasheet HTML 10Page - Linear Integrated Systems LT1101SW Datasheet HTML 11Page - Linear Integrated Systems LT1101SW Datasheet HTML 12Page - Linear Integrated Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
LT1101
1101fa
TYPICAL PERFOR A CE CHARACTERISTICS
Gain = 100 Nonlinearity
Distribution
GAIN NONLINEARITY (PPM)
0
0
5
15
20
25
4
8
10
18
10
26
12
14
16
30
LT1101 • TPC01
VS = ± 15V
TA = 25°C
RL ≥ 50kΩ
708 UNITS
TESTED IN
ALL PACKAGES
Gain = 10 Nonlinearity
Distribution
GAIN NONLINEARITY (PPM)
0
30
40
50
8
20
10
0
2
4
6
10
LT1101 • TPC02
VS = ± 15V
TA = 25°C
RL ≥ 2kΩ
708 UNITS
TESTED IN
ALL PACKAGES
LT1101 • TPC03
FREQUENCY (Hz)
–0.5
0
–1.0
0
10
1k
10k
1M
40
30
20
10
–1.0
100
100k
–0.5
–1.5
–1.5
VS = ± 15V
TA = 25°C
G = 100
G = 10
Gain vs Frequency
Gain Error Over Temperature
INPUT OFFSET VOLTAGE (µV)
–200
0
0
10
20
100
–100
200
30
LT1101 • TPC06
TA = 25°C
746 UNITS MEASURED IN ALL PACKAGES
EACH UNIT MEASURED AT VS = 15V,
0V AND AT VS = ±15V
Input Offset Voltage Distribution
Gain Nonlinearity Temperature
Input Bias and Offset Currents vs
Temperature
TEMPERATURE (°C)
–50
–7
–5
200
0
50
75
–6
150
100
–25
25
100
125
LT1101 • TPC08
VS = 5V, 0V TO ±15V
IOS
IB
Supply Current vs Temperature
TEMPERATURE (°C)
–50
90
100
110
25
75
80
70
–25
0
50
100
125
60
50
LT1101 • TPC07
VS = 5V, 0V
VS = ±15V
COMMON MODE VOLTAGE (V)
–1
–12
–10
–8
–6
–4
–2
0
012
3
4
LT1101 • TPC09
TA = –55°C
TA = 125°C
VS = 5V, 0V
TA = 25°C
Input Bias Current vs
Common Mode Voltage
1
6
5
TEMPERATURE (°C)
–50
–25
0
0.02
0.05
0
50
75
0.01
0.04
0.03
25
100
125
LT1101 • TPC04
2
1
3
6
5
7
4
4
7
G = 100, VS = ± 15V, RL = 2k
G = 10, VS = ± 15V, RL = 2k
G = 100, VS = ± 15V, RL = 5k
G = 100, VS = 5V, 0V, RL = 50k
G = 100, VS = ± 15V, RL = 50k
G = 10, VS = ± 15V, RL = 5k
G = 10, VS = ± 15V or 5V, 0V,
RL = 50k
3
2
SEE GAIN VS T
FOR DEFINITIONS
TEMPERATURE (°C)
–50
40
50
60
25
75
30
20
–25
0
50
100
125
10
0
LT1101 • TPC05
2
1
6
5
4
7
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com