Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1058SW Datasheet(PDF) 12 Page - Linear Technology

Part # LT1058SW
Description  Dual and Quad, JFET Input Precision High Speed Op Amps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1058SW Datasheet(HTML) 12 Page - Linear Technology

Back Button LT1058SW Datasheet HTML 8Page - Linear Technology LT1058SW Datasheet HTML 9Page - Linear Technology LT1058SW Datasheet HTML 10Page - Linear Technology LT1058SW Datasheet HTML 11Page - Linear Technology LT1058SW Datasheet HTML 12Page - Linear Technology LT1058SW Datasheet HTML 13Page - Linear Technology LT1058SW Datasheet HTML 14Page - Linear Technology LT1058SW Datasheet HTML 15Page - Linear Technology LT1058SW Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
LT1057/LT1058
12
10578fc
TYPICAL APPLICATIONS
Bipolar Input (AC) V/F Converter
12-Bit A/D Converter
–5V
5V
+
–
+
–
+
–
–
+
1/4
LT1058
1/4
LT1058
DATA
OUTPUT
0kHz TO 1kHz
1/4
LT1058
1/4
LT1058
6
2
LTC1043
0.01
POLYSTYRENE
5
18
3
15
16
1k
–5V
LT1004
2.5V
0.1μF
0.1μF
1μF
1M*
1M*
22k
*1% FILM
MATCH 1M RESISTORS TO 0.05%
10k
150pF
10k
1M*
1M*
2N3906
SIGN
BIT
10k
INPUT
1V
36.5k*
10578 TA07
–5V
5V
+
–
+
–
–
+
LTC1043
CURRENT
SWITCH
95k*
–15V
–15V
–15V
–15V
0.01μF
INTEGRATOR
10k
10578 TA08
1/4
LT1058
1/4
LT1058
1/4
LT1058
1/4
LT1058
BOUT
4
16
17
3
18
15
2N4393
DATA OUTPUT =
*VISHAY S-102 RESISTOR
AOUT
BOUT
OUT
GND
LT1021
10V
NC
IN
1k
10k
100k*
EIN
0.001μF
10k
10k
OUTPUT
GATE
AOUT
15V
10k
CLOCK
10k
2k
10k
10k
180pF
2N3906
68pF
4
3
1
2
15V
FLIP-FLOP
14
7
6
5
6.8k
820Ω
LEVEL
SHIFT
74C74



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com