Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1058SW Datasheet(PDF) 16 Page - Linear Technology

Part # LT1058SW
Description  Dual and Quad, JFET Input Precision High Speed Op Amps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1058SW Datasheet(HTML) 16 Page - Linear Technology

Back Button LT1058SW Datasheet HTML 8Page - Linear Technology LT1058SW Datasheet HTML 9Page - Linear Technology LT1058SW Datasheet HTML 10Page - Linear Technology LT1058SW Datasheet HTML 11Page - Linear Technology LT1058SW Datasheet HTML 12Page - Linear Technology LT1058SW Datasheet HTML 13Page - Linear Technology LT1058SW Datasheet HTML 14Page - Linear Technology LT1058SW Datasheet HTML 15Page - Linear Technology LT1058SW Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
LT1057/LT1058
16
10578fc
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
© LINEAR TECHNOLOGY CORPORATION 1989
LT 0108 REV C • PRINTED IN USA
RELATED PARTS
TYPICAL APPLICATION
PART NUMBER
DESCRIPTION
COMMENTS
LT1055/6
Precision, High Speed, JFET Input
Operational Amplifiers
12V/μs Slew Rate, 5.5MHz Bandwidth
LT1880
SOT-23, Rail-to-Rail Output, Picoamp Input
Precision Op Amps
150μV Max Offset Voltage, 900pA Max Input Bias Current
LT1881/2
Dual and Quad Rail-to-Rail Output, Picoamp Input
Precision Op Amps
50μV Max Offset Voltage, 200pA Max Input Bias Current
LT1884/5
Dual/Quad Rail-to-Rail Output, Picoamp Input
Precision Op Amps
50μV Max Offset Voltage, 400pA Max Input Bias Current
LT6010
135μA, 14nV/rtHz, Rail-to-Rail Output, Precision
Low Power Op Amp with Shutdown
35μV Max Offset Voltage, 300pA Max Input Bias Current
LT6011/12
Dual/Quad 135μA, 14nV/rtHz, Rail-to-Rail Output
Precision Low Power Op Amp
60μV Max Offset Voltage, 300pA Max Input Bias Current
LTC6078/9
Micropower Precision, Dual/Quad CMOS
Rail-to-Rail Input/Output Amplifiers
Maximum Offset Drift: 0.7μV/°C
LTC6241/2
Dual/Quad 18MHz, Low Noise, Rail-to-Rail
CMOS Op Amps
O.1Hz to 10Hz Noise: 550n Vpp
S16 (WIDE) 0502
NOTE 3
.398 – .413
(10.109 – 10.490)
NOTE 4
16
15
14
13
12
11
10
9
1
N
23
4
5
6
78
N/2
.394 – .419
(10.007 – 10.643)
.037 – .045
(0.940 – 1.143)
.004 – .012
(0.102 – 0.305)
.093 – .104
(2.362 – 2.642)
.050
(1.270)
BSC
.014 – .019
(0.356 – 0.482)
TYP
0
° – 8° TYP
NOTE 3
.009 – .013
(0.229 – 0.330)
.005
(0.127)
RAD MIN
.016 – .050
(0.406 – 1.270)
.291 – .299
(7.391 – 7.595)
NOTE 4
× 45°
.010 – .029
(0.254 – 0.737)
INCHES
(MILLIMETERS)
NOTE:
1. DIMENSIONS IN
2. DRAWING NOT TO SCALE
3. PIN 1 IDENT, NOTCH ON TOP AND CAVITIES ON THE BOTTOM OF PACKAGES ARE THE MANUFACTURING OPTIONS.
THE PART MAY BE SUPPLIED WITH OR WITHOUT ANY OF THE OPTIONS
4. THESE DIMENSIONS DO NOT INCLUDE MOLD FLASH OR PROTRUSIONS.
MOLD FLASH OR PROTRUSIONS SHALL NOT EXCEED .006" (0.15mm)
.420
MIN
.325
±.005
RECOMMENDED SOLDER PAD LAYOUT
.045
±.005
N
12
3
N/2
.050 BSC
.030
±.005
TYP
SW Package
16-Lead Plastic Small Outline (Wide .300 Inch)
(Reference LTC DWG # 05-08-1620)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com