Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1213 Datasheet(PDF) 5 Page - Linear Integrated Systems

Part # LT1213
Description  28MHz, 12V/ms, Single Supply Dual and Quad Precision Op Amps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LT1213 Datasheet(HTML) 5 Page - Linear Integrated Systems

  LT1213 Datasheet HTML 1Page - Linear Integrated Systems LT1213 Datasheet HTML 2Page - Linear Integrated Systems LT1213 Datasheet HTML 3Page - Linear Integrated Systems LT1213 Datasheet HTML 4Page - Linear Integrated Systems LT1213 Datasheet HTML 5Page - Linear Integrated Systems LT1213 Datasheet HTML 6Page - Linear Integrated Systems LT1213 Datasheet HTML 7Page - Linear Integrated Systems LT1213 Datasheet HTML 8Page - Linear Integrated Systems LT1213 Datasheet HTML 9Page - Linear Integrated Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
5
LT1213/LT1214
5V
ELECTRICAL C
C
HARA TERISTICS
VS = 5V, VCM = 0.5V, VOUT = 0.5V, – 55°C ≤ TA ≤ 125°C, unless otherwise noted.
LT1213AM
LT1213M
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
140
250
200
500
µV
∆VOS
Input Offset Voltage Drift
0.7
1.5
1.0
3.0
µV/°C
∆T
(Note 4)
IOS
Input Offset Current
20
70
25
100
nA
IB
Input Bias Current
105
210
125
275
nA
Input Voltage Range
3.1
3.2
3.1
3.2
V
0.4
0.2
0.4
0.2
V
CMRR
Common Mode Rejection Ratio
VCM = 0.4V to 3.1V
87
104
83
104
dB
PSRR
Power Supply Rejection Ratio
VS = 2.5V to 12.5V
90
113
87
113
dB
AVOL
Large-Signal Voltage Gain
VO = 0.05V to 3.7V, RL = 500Ω
150
300
150
300
V/mV
Maximum Output Voltage Swing Output High, No Load
4.05
4.20
4.05
4.20
V
(Note 5)
Output High, ISOURCE = 1mA
3.90
4.10
3.90
4.10
V
Output High, ISOURCE = 15mA
3.60
3.80
3.60
3.80
V
Output Low, No Load
0.007
0.012
0.007
0.012
mV
Output Low, ISINK = 1mA
0.040
0.070
0.040
0.070
mV
Output Low, ISINK = 15mA
0.400
0.750
0.400
0.750
mV
IS
Supply Current per Amplifier
1.3
3.0
4.2
1.3
3.0
4.2
mA
VS = ±15V, VCM = 0V, VOUT = 0V, TA = 25°C, unless otherwise noted.
LT1213AC
LT1213C/LT1213M
LT1213AM
LT1214C
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
125
400
150
550
µV
IOS
Input Offset Current
5
30
5
40
nA
IB
Input Bias Current
70
150
90
190
nA
Input Voltage Range
13.5
13.8
13.5
13.8
V
–15.0
– 15.3
–15.0
– 15.3
V
CMRR
Common Mode Rejection Ratio
VCM = –15V to 13.5V
90
107
86
107
dB
PSRR
Power Supply Rejection Ratio
VS = ±2V to ±18V
93
116
90
116
dB
AVOL
Large-Signal Voltage Gain
VO = 0V to ±10V, RL = 2k
1200
4000
1200
4000
V/mV
Maximum Output Voltage Swing Output High, ISOURCE = 20mA
13.7
13.9
13.7
13.9
V
Output Low, ISINK = 20mA
–14.3
–14.5
–14.3
–14.5
V
IO
Maximum Output Current
(Note 10)
±30
±50
±30
±50
mA
SR
Slew Rate
AV = – 2 (Note 7)
10
12
10
12
V/
µs
GBW
Gain-Bandwidth Product
f = 100kHz
15
28
15
28
MHz
IS
Supply Current per Amplifier
2.0
3.4
4.7
2.0
3.4
4.7
mA
Channel Separation
VO = ±10V, RL = 2k
128
140
128
140
dB
Minimum Supply Voltage
Equal Split Supplies
±1.2
±2.0
±1.2
±2.0
V
Full-Power Bandwidth
AV = 1, VO = 20VP-P
150
150
kHz
Settling Time
0.01%, AV = 1, ∆VO = 10V
1.1
1.1
µs
+15V ELECTRICAL C
C
HARA TERISTICS
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com