Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1213 Datasheet(PDF) 9 Page - Linear Integrated Systems

Part # LT1213
Description  28MHz, 12V/ms, Single Supply Dual and Quad Precision Op Amps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LT1213 Datasheet(HTML) 9 Page - Linear Integrated Systems

Back Button LT1213 Datasheet HTML 5Page - Linear Integrated Systems LT1213 Datasheet HTML 6Page - Linear Integrated Systems LT1213 Datasheet HTML 7Page - Linear Integrated Systems LT1213 Datasheet HTML 8Page - Linear Integrated Systems LT1213 Datasheet HTML 9Page - Linear Integrated Systems LT1213 Datasheet HTML 10Page - Linear Integrated Systems LT1213 Datasheet HTML 11Page - Linear Integrated Systems LT1213 Datasheet HTML 12Page - Linear Integrated Systems LT1213 Datasheet HTML 13Page - Linear Integrated Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
9
LT1213/LT1214
CC
HARA TERISTICS
A
TYPICALPERFOR
CE
Voltage Gain, Phase vs
Gain-Bandwidth Product,
Voltage Gain vs Frequency
Frequency
Phase Margin vs Supply Voltage
FREQUENCY (Hz)
100k
60
40
20
0
–20
1M
10M
100M
1213/14 G08
100
80
60
40
20
0
–20
–40
–60
PHASE
GAIN
VS = 5V
VS = 5V
VS = ±15V
CL = 20pF
RL = 2k
VS = ±15V
FREQUENCY (Hz)
1
100M
1213/14 G07
100
10k
1M
140
120
100
80
60
40
20
0
–20
10
1k
100k
10M
CL = 20pF
RL = 2k
VS = 5V
VS = ±15V
TOTAL SUPPLY VOLTAGE (V)
1
32
30
28
26
24
22
20
10
40
1213/14 G09
60
50
40
30
20
10
0
3
5
7
20
30
TA = 25°C
TA = 125°C
TA = 25°C, 125°C
TA = –55°C
TA = –55°C
Slew Rate vs Temperature
Slew Rate vs Supply Voltage
Capacitive Load Handling
TOTAL SUPPLY VOLTAGE (V)
0
8
16
20
36
412
24
28
32
16
14
12
10
8
6
4
1213/14 G11
AV = –2
RL = 10k
TA = 125°C
TA = 25°C
TA = –55°C
FREQUENCY (Hz)
5
4
3
2
1
0
10k
100k
1M
1213/14 G13
1k
AV = –1
AV = 1
VS = 5V
100
FREQUENCY (Hz)
30
25
20
15
10
5
0
10k
100k
1M
1213/14 G14
1k
100
VS = ±15V
FREQUENCY (Hz)
10
1k
10k
100k
1213/14 G15
100
0.1
0.01
0.001
0.0001
VS = 5V
VO = 3VP-P
RL = 1k
AV = 10
AV = 1
Undistorted Output Swing
Undistorted Output Swing
Total Harmonic Distortion and
vs Frequency, VS = 5V
vs Frequency, VS = ±15V
Noise vs Frequency
TEMPERATURE (
°C)
–50
18
16
14
12
10
8
6
4
2
–25
050
75
1213/14 G10
100
125
25
TA = 25°C
AV = –2
RL = 10k
VS = ±15V
VS = 5V
CAPACITIVE LOAD (pF)
10
80
70
60
50
40
30
20
10
0
100
1213/14 G12
AV = 1
AV = 5
AV = 10
VS = 5V
1000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com