Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1007 Datasheet(PDF) 7 Page - Linear Technology

Part # LT1007
Description  Low Noise, High Speed Precision Operational Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1007 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT1007 Datasheet HTML 3Page - Linear Technology LT1007 Datasheet HTML 4Page - Linear Technology LT1007 Datasheet HTML 5Page - Linear Technology LT1007 Datasheet HTML 6Page - Linear Technology LT1007 Datasheet HTML 7Page - Linear Technology LT1007 Datasheet HTML 8Page - Linear Technology LT1007 Datasheet HTML 9Page - Linear Technology LT1007 Datasheet HTML 10Page - Linear Technology LT1007 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
LT1007/LT1037
sn100737 100737fbs
TYPICAL PERFORMANCE CHARACTERISTICS
FREQUENCY (Hz)
140
120
100
80
60
40
103
105
106
107
1007/37 G19
104
VS = ±15V
VCM = ±10V
TA = 25°C
LT1037
LT1007
Common Mode Rejection vs
Frequency
Input Bias Current vs
Temperature
TEMPERATURE (
°C)
–50
1007/37 G22
0
50
100
50
40
30
20
10
0
–25
25
75
125
VS = ±15V
LT1007M
LT1037M
LT1007AM
LT1037AM
TIME FROM OUTPUT SHORT TO GROUND (MINUTES)
0
50
40
30
20
10
0
–10
–20
–30
–40
–50
1
2
1007/37 G27
3
–55
°C
–55
°C
125
°C
125
°C
25
°C
25
°C
VS = ±15V
Output Short-Circuit Current
vs Time
LOAD RESISTANCE (
Ω)
100
300
3k
15
12
9
6
3
0
1k
10k
1007/37 G24
VS = ±15V
TA = 25°C
POSITIVE
SWING
NEGATIVE
SWING
Output Swing vs Load Resistance
COMMON MODE INPUT VOLTAGE (V)
–15
–10
–5
5
0
10
15
1007/37 G21
20
15
10
5
0
–5
–10
–15
–20
DEVICE WITH NEGATIVE
INPUT CURRENT
DEVICE WITH POSITIVE
INPUT CURRENT
VS = ±15V
TA = 25°C
RCM =
≈ 7G
20V
3nA
Input Bias Current Over the
Common Mode Range
TEMPERATURE (
°C)
–50
V+
–1
–2
–3
–4
+4
+3
+2
+1
V
0
50
75
1007/37 G20
–25
25
100
125
V+ = 3V TO 20V
V= –3V TO –20V
Common Mode Limit vs
Temperature
TEMPERATURE (
°C)
–75 –50
0
25
–25
50
75
100 125
1007/37 G23
60
50
40
30
20
10
0
VS = ±15V
LT1007M
LT1037M
LT1007AM
LT1037AM
Input Offset Current vs
Temperature
Closed-Loop Output Impedance
FREQUENCY (Hz)
10
100
10
1
0.1
0.01
0.001
100k
1007/37 G26
100
1k
10k
1M
VS = ±15V
TA = 25°C
IOUT = 1mA
AV = 1000
AV = 1000
AV = 1
AV = 5
LT1007
LT1037
FREQUENCY (Hz)
1
1195 G25
102
10
103
104
105 106 10
7
108
160
140
120
100
80
60
40
20
0
TA = 25°C
NEGATIVE
SUPPLY
POSITIVE
SUPPLY
PSRR vs Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com