Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1007 Datasheet(PDF) 3 Page - Linear Technology

Part # LT1007
Description  Low Noise, High Speed Precision Operational Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1007 Datasheet(HTML) 3 Page - Linear Technology

  LT1007 Datasheet HTML 1Page - Linear Technology LT1007 Datasheet HTML 2Page - Linear Technology LT1007 Datasheet HTML 3Page - Linear Technology LT1007 Datasheet HTML 4Page - Linear Technology LT1007 Datasheet HTML 5Page - Linear Technology LT1007 Datasheet HTML 6Page - Linear Technology LT1007 Datasheet HTML 7Page - Linear Technology LT1007 Datasheet HTML 8Page - Linear Technology LT1007 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
LT1007/LT1037
sn100737 100737fbs
ELECTRICAL CHARACTERISTICS VS = ±15V, TA = 25°C, unless otherwise noted.
LT1007AC/AM
LT1007C/I/M
LT1037AC/AM
LT1037C/I/M
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
Input Resistance, Common Mode
7
5
G
Input Voltage Range
±11.0 ±12.5
±11.0 ±12.5
V
CMRR
Common Mode Rejection Ratio
VCM = ±11V
117
130
110
126
dB
PSRR
Power Supply Rejection Ratio
VS = ±4V to ±18V
110
130
106
126
dB
AVOL
Large-Signal Voltage Gain
RL ≥ 2k, VO = ±12V
7.0
20.0
5.0
20.0
V/
µV
RL ≥ 1k, VO = ±10V
5.0
16.0
3.5
16.0
V/
µV
RL ≥ 600Ω, VO = ±10V
3.0
12.0
2.0
12.0
V/
µV
VOUT
Maximum Output Voltage Swing
RL ≥ 2k
±13.0 ±13.8
±12.5 ±13.5
V
RL ≥ 600Ω±11.0 ±12.5
±10.5 ±12.5
V
SR
Slew Rate
LT1007
RL ≥ 2k
1.7
2.5
1.7
2.5
V/
µs
LT1037
AVCL ≥ 5
1115
1115
V/
µs
GBW
Gain Bandwidth
LT1007
fO = 100kHz (Note 8)
5.0
8.0
5.0
8.0
MHz
Product
LT1037
fO = 10kHz (Note 8) (AVCL ≥ 5)
45
60
45
60
MHz
ZO
Open-Loop Output Resistance
VO = 0V, IO = 0
70
70
PD
Power Dissipation
LT1007
80
120
80
140
mW
LT1037
80
130
85
140
mW
LT1007AC
LT1007C
LT1037AC
LT1037C
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
(Note 2)
q
20
50
35
110
µV
∆VOS
Average Input Offset Drift
(Note 10)
q
0.2
0.6
0.3
1.0
µV/°C
∆Temp
IOS
Input Offset Current
q
10
40
15
70
nA
IB
Input Bias Current
q
±14
±45
±20
±75
nA
Input Voltage Range
q
±10.5 ±11.8
±10.5 ±11.8
V
CMRR
Common Mode Rejection Ratio
VCM = ±10.5V
q
114
126
106
120
dB
PSRR
Power Supply Rejection Ratio
VS = ±4.5V to ±18V
q
106
126
102
120
dB
AVOL
Large-Signal Voltage Gain
RL ≥ 2k, VO = ±10V
q
4.0
18.0
2.5
18.0
V/
µV
RL ≥ 1k, VO = ±10V
q
2.5
14.0
2.0
14.0
V/
µV
VOUT
Maximum Output Voltage Swing
RL ≥ 2k
q
±12.5 ±13.6
±12.0 ±13.6
V
PD
Power Dissipation
q
90
144
90
160
mW
The q denotes the specifications which apply over the temperature range 0
°C ≤ TA ≤ 70°C, VS = ±15V, unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com