Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AX32X0 Datasheet(PDF) 1 Page - Seoul Semiconductor

Part # AX32X0
Description  compliantFeaturesApplications?ъ쭊Acriche series
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

AX32X0 Datasheet(HTML) 1 Page - Seoul Semiconductor

  AX32X0 Datasheet HTML 1Page - Seoul Semiconductor AX32X0 Datasheet HTML 2Page - Seoul Semiconductor AX32X0 Datasheet HTML 3Page - Seoul Semiconductor AX32X0 Datasheet HTML 4Page - Seoul Semiconductor AX32X0 Datasheet HTML 5Page - Seoul Semiconductor AX32X0 Datasheet HTML 6Page - Seoul Semiconductor AX32X0 Datasheet HTML 7Page - Seoul Semiconductor AX32X0 Datasheet HTML 8Page - Seoul Semiconductor AX32X0 Datasheet HTML 9Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
Rev. 03
Rev. 03
May 2008
May 2008
www.ZLED.com
www.ZLED.com
1
AX32X0
AX32X0
• Connect directly
in AC power
• Power Saving
• Long Life Time
• Simple BOM
• Miniaturization
•Low thermal
resistance
• SMT solderbility
• Lead Free product
•RoHS compliant
Features
Applications
사진
Acriche series is designed for
AC source operation and high flux
output applications.
Acriche is a semi-permanent and
environmental friendly
semiconductor lighting
that can be used in AC without
additional device.
Acriche's thermal management perform exceeds
other power LED solutions.
It incorporates state of the art SMD design and Thermal
emission material.
Acriche is ideal light sources for general illumination
Applications.
• Architectural lighting
• Task lighting
• Decorative / Pathway
lighting
• Household appliances
* The appearance and specifications of the product can be changed
for improvement without notice.


Similar Part No. - AX32X0

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
AX32X0-1A SEOUL-AX32X0-1A Datasheet
316Kb / 16P
Binning and Labeling Connect directly in AC Power Saving Long Life Time
AX32X0-1B SEOUL-AX32X0-1B Datasheet
316Kb / 16P
Binning and Labeling Connect directly in AC Power Saving Long Life Time
AX32X0-1C SEOUL-AX32X0-1C Datasheet
316Kb / 16P
Binning and Labeling Connect directly in AC Power Saving Long Life Time
AX32X0-1D SEOUL-AX32X0-1D Datasheet
316Kb / 16P
Binning and Labeling Connect directly in AC Power Saving Long Life Time
AX32X0-1E SEOUL-AX32X0-1E Datasheet
316Kb / 16P
Binning and Labeling Connect directly in AC Power Saving Long Life Time
More results

Similar Description - AX32X0

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
AN0013 RFMD-AN0013 Datasheet
40Kb / 4P
NBB Series and NDA Series Reliability
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
C10507-11 series C10751 series
logo
Texas Instruments
BQ29330DBTRG4 TI-BQ29330DBTRG4 Datasheet
1Mb / 29P
2-SERIES, 3-SERIES, AND 4-SERIES CELL LITHIUM-ION
BQ40Z50 TI1-BQ40Z50 Datasheet
943Kb / 30P
1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
List of Unclassifed Man...
F-CBS-F2 ETC2-F-CBS-F2 Datasheet
45Kb / 1P
Heat sink is prepared in TUNS100 series, CBS series, DHS200 series and DHS250 series.
logo
Extech Instruments Corp...
MA435T EXTECH-MA435T Datasheet
364Kb / 1P
MA430 Series 400A MA430 Series 400A
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
100 Series / SM Series / PC Series
logo
Texas Instruments
BQ40Z50-R2 TI1-BQ40Z50-R2 Datasheet
1Mb / 51P
1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
SPFR Series and SPFRHV Series
Rev: 071013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com