Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AX2200 Datasheet(PDF) 14 Page - Seoul Semiconductor

Part # AX2200
Description  Acriche series
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

AX2200 Datasheet(HTML) 14 Page - Seoul Semiconductor

Back Button AX2200 Datasheet HTML 10Page - Seoul Semiconductor AX2200 Datasheet HTML 11Page - Seoul Semiconductor AX2200 Datasheet HTML 12Page - Seoul Semiconductor AX2200 Datasheet HTML 13Page - Seoul Semiconductor AX2200 Datasheet HTML 14Page - Seoul Semiconductor AX2200 Datasheet HTML 15Page - Seoul Semiconductor AX2200 Datasheet HTML 16Page - Seoul Semiconductor AX2200 Datasheet HTML 17Page - Seoul Semiconductor AX2200 Datasheet HTML 18Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
Rev. 03
Rev. 03
May 2008
May 2008
www.ZLED.com
www.ZLED.com
14
Operating instructions of AX2200
1.Operating in 100V/110V
1-1. Circuit for driving
1-2. Resistance sheet
100V/110V
R
860Ω
400Ω
D
940Ω
440Ω
C
1020Ω
540Ω
B
1120Ω
720Ω
A
110V
100V
VF BIN
code
2.Operating in 220V/230V
2-1. Circuit for driving
2-2. Resistance sheet
220V/230V
RR
2KΩ
1.6KΩ
D
2.2KΩ
1.8KΩ
C
2.4KΩ
2KΩ
B
2.7KΩ
2.2KΩ
A
230V
220V
VF BIN
code
Notes :
[1] Acriche must be used with resistance certainly.
[2] Acriche may be driven at maximum rated current of 20mA[RMS].
[3] The tolerance of current is ±5% on each resistance rank.
[4] When the resistance is used, Check the rated power of resistance. Apply the proper resistance
The rated power = operating current
² X resistance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com