Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AX2200 Datasheet(PDF) 20 Page - Seoul Semiconductor

Part # AX2200
Description  Acriche series
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

AX2200 Datasheet(HTML) 20 Page - Seoul Semiconductor

Back Button AX2200 Datasheet HTML 12Page - Seoul Semiconductor AX2200 Datasheet HTML 13Page - Seoul Semiconductor AX2200 Datasheet HTML 14Page - Seoul Semiconductor AX2200 Datasheet HTML 15Page - Seoul Semiconductor AX2200 Datasheet HTML 16Page - Seoul Semiconductor AX2200 Datasheet HTML 17Page - Seoul Semiconductor AX2200 Datasheet HTML 18Page - Seoul Semiconductor AX2200 Datasheet HTML 19Page - Seoul Semiconductor AX2200 Datasheet HTML 20Page - Seoul Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
Rev. 03
Rev. 03
May 2008
May 2008
www.ZLED.com
www.ZLED.com
20
Precaution for use
Handling of silicone resin for LEDS
[1] Acriche series run on high voltage such as 110 V or 220 V.
[2] Please don't touch the PCB surface, which has built-in terminals and chips,
with your hands or metals, while Acriche series is running.
[3] Please don't add or change wires,while Acriche series is running.
[1] Acriche series is encapsulated by silicone resin for the highest flux efficiency.
[2] Notes for handling of Silicone resin Acriche series.
[3] Avoid touching silicone resin parts especially by sharp tools such as
Pincette (Tweezers).
[4] Avoid leaving fingerprints on silicone resin parts.
[5] Dust sensitivity silicone resin need containers having cover for storage.
[6] When populating boards in SMT production, there are basically no restrictions
regarding the form of the pick and place nozzle, except that mechanical
pressure on the surface of the resin must be prevent.
[7] Please do not force over 3000 gf impact or pressure diagonally on the silicon
lens. It will cause fatal damage of this product.
[8] Please do not recommend to cover the silicone resin of the Acriche series with
other resin (epoxy, urethane, etc).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com