Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV209 Datasheet(PDF) 1 Page - Supertex, Inc

Part # HV209
Description  12-Channel High Voltage Analog Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV209 Datasheet(HTML) 1 Page - Supertex, Inc

  HV209 Datasheet HTML 1Page - Supertex, Inc HV209 Datasheet HTML 2Page - Supertex, Inc HV209 Datasheet HTML 3Page - Supertex, Inc HV209 Datasheet HTML 4Page - Supertex, Inc HV209 Datasheet HTML 5Page - Supertex, Inc HV209 Datasheet HTML 6Page - Supertex, Inc HV209 Datasheet HTML 7Page - Supertex, Inc HV209 Datasheet HTML 8Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
General Description
The Supertex HV209 is a 200V low charge injection 12-
channel high voltage analog switch configured as 6 SPDT
analog switch intended for medical ultrasound applications.
Bleed resistors are integrated on the output switches to
eliminate charge built up on the piezo electric transducers.
The bleed resistors are at a nominal value of 35KΩ. Using
HVCMOS technology, this device combines high voltage
bilateral DMOS switches and low power CMOS logic to pro-
vide efficient control of high voltage analog signals. The
outputs are configured as single pole double throw analog
switches. Data is shifted into a 6-bit shift register using an
external clock. The LE latches the shift register data into the
individual switch latches. A logic high connects a switch
common YX to SWX. A logic low connects YX to SWX. A logic
hi in CL resets all switches to SWX simultaneously.
V
PP
– V
NN
200V
HV209FG
HV209X
HV209
12-Channel High Voltage Analog Switch
Features
❏
HVCMOS technology for high performance
❏
Operating voltage of up to 200V
❏
Output On-resistance typically 22Ω
❏
Integrated bleed resistors on the outputs
❏
Very low quiescent power dissipation -10µA
❏
Low parasitic capacitances
❏
-58dB typical output off isolation at 5MHz
❏
5.0V to 12V CMOS logic circuitry
❏
Excellent noise immunity
❏
Flexible high voltage supplies
Absolute Maximum Ratings*
VDD Logic power supply voltage
-0.5V to +15V
VPP - VNN Supply voltage
+220V
VPP Positive high voltage supply
-0.5V to +200V
VNN Negative high voltage supply
+0.5V to -200V
Logic input voltages
-0.5V to VDD +0.3V
VSIG Analog Signal Range
VNN to VPP
Peak analog signal current/channel
3.0A
Storage temperature
-65°C to +150°C
Power dissipation
1.0W
* All voltages are referenced to ground. Absolute maximum ratings are those
values which damage to the device may occur. Functional operation under
these conditions is not implied. Continuous operation of the device at the
absolute rating level may affect device reliability.
Ordering Information
Package Options
48-pin TQFP
Die
11/12/01
Supertex Inc. does not recommend the use of its products in life support applications and will not knowingly sell its products for use in such applications unless it receives an adequate "products liability
indemnification insurance agreement." Supertex does not assume responsibility for use of devices described and limits its liability to the replacement of devices determined to be defective due to
workmanship. No responsibility is assumed for possible omissions or inaccuracies. Circuitry and specifications are subject to change without notice. For the latest product specifications, refer to the
Supertex website: http://www.supertex.com. For complete liability information on all Supertex products, refer to the most current databook or to the Legal/Disclaimer page on the Supertex website.


Similar Part No. - HV209

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV209 SUTEX-HV209 Datasheet
1Mb / 9P
12-Channel High Voltage Analog Switch
HV209FG SUTEX-HV209FG Datasheet
1Mb / 9P
12-Channel High Voltage Analog Switch
HV209FG-G SUTEX-HV209FG-G Datasheet
1Mb / 9P
12-Channel High Voltage Analog Switch
HV209FG-G SUTEX-HV209FG-G Datasheet
675Kb / 8P
12-Channel High Voltage Analog Switch
HV209FG-GM931 SUTEX-HV209FG-GM931 Datasheet
675Kb / 8P
12-Channel High Voltage Analog Switch
More results

Similar Description - HV209

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV20822 SUTEX-HV20822 Datasheet
343Kb / 6P
16 Channel High Voltage Analog Switch
logo
List of Unclassifed Man...
USH5008 ETC-USH5008 Datasheet
3Mb / 4P
HIGH VOLTAGE 8 CHANNEL ANALOG SWITCH
USH5010 ETC1-USH5010 Datasheet
6Mb / 8P
HIGH VOLTAGE 8-CHANNEL ANALOG SWITCH
logo
Supertex, Inc
HV209 SUTEX-HV209_06 Datasheet
1Mb / 9P
12-Channel High Voltage Analog Switch
HV2116 SUTEX-HV2116 Datasheet
90Kb / 9P
8-Channel High Voltage Analog Switch
HV20822 SUTEX-HV20822_13 Datasheet
657Kb / 7P
16-Channel, High Voltage Analog Switch
HV209 SUTEX-HV209_13 Datasheet
675Kb / 8P
12-Channel High Voltage Analog Switch
HV1816 SUTEX-HV1816 Datasheet
34Kb / 6P
8-Channel High Voltage Analog Switch
logo
Monolithic Power System...
MP4816 MPS-MP4816 Datasheet
143Kb / 2P
16-Channel High Voltage Analog Switch
MP4832 MPS-MP4832 Datasheet
189Kb / 2P
32-Channel High Voltage Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com