Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV209 Datasheet(PDF) 3 Page - Supertex, Inc

Part # HV209
Description  12-Channel High Voltage Analog Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV209 Datasheet(HTML) 3 Page - Supertex, Inc

  HV209 Datasheet HTML 1Page - Supertex, Inc HV209 Datasheet HTML 2Page - Supertex, Inc HV209 Datasheet HTML 3Page - Supertex, Inc HV209 Datasheet HTML 4Page - Supertex, Inc HV209 Datasheet HTML 5Page - Supertex, Inc HV209 Datasheet HTML 6Page - Supertex, Inc HV209 Datasheet HTML 7Page - Supertex, Inc HV209 Datasheet HTML 8Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
HV209
Electrical Characteristics
AC Characteristics (over operating conditions V
DD = 5V, unless otherwise noted)
0
°C
+25
°C
+70
°C
Characteristics
Sym
min
max
min
typ
max
min
max
Units
Test Conditions
Set Up Time Before LE Rises
t
SD
150
150
150
ns
Time Width of LE
tWLE
150
150
150
ns
Clock Delay Time to Data Out
t
DO
150
150
150
ns
Time Width of CL
t
WCL
150
150
150
ns
Set Up Time Data to Clock
tSU
15
15
8.0
20
ns
Hold Time Data from Clock
t
h
35
35
35
ns
Clock Freq
f
CLK
5.0
5.0
5.0
MHz
50% duty cycle
f
DATA = fCLK/2
Turn On Time
t
ON
5.0
5.0
5.0
µsVSIG = VPP -10V,
R
L = 10KΩ
Turn Off Time
t
OFF
5.0
5.0
5.0
µsVSIG = VPP -10V,
R
L = 10KΩ
20
20
20
V
PP = 40V,
V
NN = -160V
Maximum V
SIG Slew Rate
dv/dt
20
20
20
V/ns
V
PP = 100V,
V
NN = -100V
20
20
20
V
PP = 190V,
V
NN = -10V
Off Isolation
KO
-30
-30
-33
-30
dB
f = 5MHz,
1KΩ//15pF load
-58
-58
-58
dB
f = 5MHz,
50Ω load
Switch Crosstalk
KCR
-60
-60
-70
-60
dB
f = 5MHz,
50Ω load
Output Switch Isolation
IID
300
300
300
mA
300ns pulse width,
Diode Current
2.0% duty cycle
Off Capacitance SW to GND
CSG(OFF)
5.0
17
5.0
12
17
5.0
17
pF
0V, 1MHz
On Capacitance SW to GND
CSG(ON)
25
50
25
38
50
25
50
pF
0V, 1MHz
Positive Output Voltage Spike
+V
SPK
150
150
150
mV
R
LOAD = 50Ω
Negative Output Voltage Spike
-VSPK
150
150
150
mV
RLOAD = 50Ω



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com