Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SWT805-S Datasheet(PDF) 4 Page - Seoul Semiconductor

Part # SWT805-S
Description  surface-mount LED
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SWT805-S Datasheet(HTML) 4 Page - Seoul Semiconductor

  SWT805-S Datasheet HTML 1Page - Seoul Semiconductor SWT805-S Datasheet HTML 2Page - Seoul Semiconductor SWT805-S Datasheet HTML 3Page - Seoul Semiconductor SWT805-S Datasheet HTML 4Page - Seoul Semiconductor SWT805-S Datasheet HTML 5Page - Seoul Semiconductor SWT805-S Datasheet HTML 6Page - Seoul Semiconductor SWT805-S Datasheet HTML 7Page - Seoul Semiconductor SWT805-S Datasheet HTML 8Page - Seoul Semiconductor SWT805-S Datasheet HTML 9Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
Document No. : SSC-QP-7-07-24 (Rev.00)
Rev. 00
Rev. 00
January, 2009
January, 2009
www.
www.acriche
acriche.com
.com
SWT805-S
• White colored SMT package
•InGaN/Sic material
• Suitable for all SMT assembly
and soldering methods
• Pb-Free Reflow soldering
application
•RoHS compliant
• White Back-light unit
• Electric Signs and Signals
• Interior automotive
• Office Automation,
Electrical Appliances,
Industrial Equipment
Features
Applications
1. Description
This surface-mount LED comes in
standard package dimension. It has a
substrate made up of a molded plastic
reflector sitting on top of a bent lead
frame. The die is attached within the
reflector cavity and the cavity is
encapsulated by epoxy or silicone.
The package design coupled with
careful selection of component
materials allow these products to
perform with high reliability in a larger
temperature range -40℃ to 100℃. The
high reliability feature is crucial to
Automotive interior and Indoor ESS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com