Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SWT805-S Datasheet(PDF) 5 Page - Seoul Semiconductor

Part # SWT805-S
Description  surface-mount LED
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SWT805-S Datasheet(HTML) 5 Page - Seoul Semiconductor

  SWT805-S Datasheet HTML 1Page - Seoul Semiconductor SWT805-S Datasheet HTML 2Page - Seoul Semiconductor SWT805-S Datasheet HTML 3Page - Seoul Semiconductor SWT805-S Datasheet HTML 4Page - Seoul Semiconductor SWT805-S Datasheet HTML 5Page - Seoul Semiconductor SWT805-S Datasheet HTML 6Page - Seoul Semiconductor SWT805-S Datasheet HTML 7Page - Seoul Semiconductor SWT805-S Datasheet HTML 8Page - Seoul Semiconductor SWT805-S Datasheet HTML 9Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
Document No. : SSC-QP-7-07-24 (Rev.00)
Rev. 00
Rev. 00
January, 2009
January, 2009
www.
www.acriche
acriche.com
.com
2. Absolute maximum ratings*1
ºC
-40 ~ +100
T
stg
Storage Temperature
ºC
-40 ~ +85
T
opr
Operating Temperature
V
5
V
R
Reverse Voltage
mA
90
I
FM
*2
Peak Forward Current
mA
30
I
F
Forward Current
mW
120
P
d
Power Dissipation
Unit
Value
Symbol
Parameter
*1 Care is to be taken that power dissipation does not exceed the absolute maximum rating of the product.
*2 I
FM was measured at TW ≤ 1msec of pulse width and D ≤ 1/10 of duty ratio.
3. Electric characteristics
deg.
-
115
-
I
F =20mA
2
θ
½
Viewing Angle *3
mcd
2,500
1,900
1,400
I
F =20mA
I
V
Luminous Intensity*2
lm
4.75
I
F =20mA
Φ
Luminous flux
µA
10
-
-
V
R=5V
I
R
Reverse Current
V
3.4
3.2
2.9
I
F =20mA
V
F
Forward Voltage*1
Unit
Max
Typ
Min
Condition
Symb
ol
Parameter
*1.Forward Voltage Measurement allowance is ±0.1V
*2.The luminous intensity IV was measured at the peak of the spatial pattern which may not be aligned with the
mechanical axis of the LED package. Luminous Intensity Measurement allowance is ±7%
*3.2
θ½ is the off-axis where the luminous intensity is 1/2 of the peak intensity.
*4 Estimated time to 50% degradation of initial luminous intensity.
[Note] All measurements were made under the standardized environment of SSC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com