Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WH2001 Datasheet(PDF) 3 Page - Seoul Semiconductor

Part # WH2001
Description  Surface-mounted chip LED device
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

WH2001 Datasheet(HTML) 3 Page - Seoul Semiconductor

  WH2001 Datasheet HTML 1Page - Seoul Semiconductor WH2001 Datasheet HTML 2Page - Seoul Semiconductor WH2001 Datasheet HTML 3Page - Seoul Semiconductor WH2001 Datasheet HTML 4Page - Seoul Semiconductor WH2001 Datasheet HTML 5Page - Seoul Semiconductor WH2001 Datasheet HTML 6Page - Seoul Semiconductor WH2001 Datasheet HTML 7Page - Seoul Semiconductor WH2001 Datasheet HTML 8Page - Seoul Semiconductor WH2001 Datasheet HTML 9Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Document No. : SSC-QP-7-07-24 (Rev.00)
Rev. 00
Rev. 00
September 2008
September 2008
www.ZLED.com
www.ZLED.com
WH2001
WH2001
Description
Features
사진
3.5 X 2.8 X 0.6 mm
Emitted Color : White
CIE chromaticity
x : 0.3
y : 0.3
Material : InGaN
-
Vary Thin PKG of Reflector type
-
Surface-mounted chip LED device.
-
Pb-free and RoHS complaint component.
-
High brightness
-
Low Thermal Resistance
-
Tape and Reel packing.
Applications
Electric appliance
Other decoration lighting



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com