Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WH2001 Datasheet(PDF) 4 Page - Seoul Semiconductor

Part # WH2001
Description  Surface-mounted chip LED device
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

WH2001 Datasheet(HTML) 4 Page - Seoul Semiconductor

  WH2001 Datasheet HTML 1Page - Seoul Semiconductor WH2001 Datasheet HTML 2Page - Seoul Semiconductor WH2001 Datasheet HTML 3Page - Seoul Semiconductor WH2001 Datasheet HTML 4Page - Seoul Semiconductor WH2001 Datasheet HTML 5Page - Seoul Semiconductor WH2001 Datasheet HTML 6Page - Seoul Semiconductor WH2001 Datasheet HTML 7Page - Seoul Semiconductor WH2001 Datasheet HTML 8Page - Seoul Semiconductor WH2001 Datasheet HTML 9Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Document No. : SSC-QP-7-07-24 (Rev.00)
Rev. 00
Rev. 00
September 2008
September 2008
www.ZLED.com
www.ZLED.com
1. Absolute maximum ratings
2. Electro-Optical Characteristics
-40 ~ 100
T
stg.
Storage Temperature
V
5
V
R
Reverse Voltage
mW
100
P
d
Power Dissipation
-30 ~ 85
T
opr.
Operation Temperature
mA
90
I
FM
*1
Peak Forward Current
mA
30
I
F
Forward Current
Unit
Value
Symbol
Parameter
(Ta=25℃)
*1 IFM conditions: Pulse width Tw≤0.1ms and Duty ratio≤1/10.
(Ta=25℃)
0.34
0.3
0.25
I
F=20 ㎃
y
0.28
Min
2.7
mcd
2600
1800
-
I
F=20 ㎃
I
V
Luminous Intensity*2
lm
-
5
-
I
F=20 ㎃
Φ
Luminous Flux
-
-
-
0.34
10
4.0
Max
120
0.3
-
3.2
Typ
˚
I
F=20 ㎃
1/2
Viewing Angle*4
I
F=20 ㎃
x
Chromaticity
Coordinates*3
V
I
F=20 ㎃
V
F
Forward Voltage
V
R=5V
I
R
Reverse Current
Unit
Condition
Symbol
Parameter
*2 The luminous intensity IV is measured at the peak of the spatial pattern which may not be aligned with the mechanical axis of the
LED package.
*3 The CIE standard colorimetric system
*4 θ1/2 is the off-axis where the luminous intensity is 1/2 the peak intensity.
[Note] All products confirm to the listed minimum and maximum specifications for electric and optical characteristics, when operated at
20mA within the maximum ratings shown above. All measurements were made under the standardized environment of SSC.
(Tolerance : Iv ±10%, color coordinate ±0.01, VF ±0.1V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com