Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV57009 Datasheet(PDF) 2 Page - Supertex, Inc

Part # HV57009
Description  64-Channel Serial To Parallel Converter With P-Channel Open Drain Controllable Output Current
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV57009 Datasheet(HTML) 2 Page - Supertex, Inc

  HV57009 Datasheet HTML 1Page - Supertex, Inc HV57009 Datasheet HTML 2Page - Supertex, Inc HV57009 Datasheet HTML 3Page - Supertex, Inc HV57009 Datasheet HTML 4Page - Supertex, Inc HV57009 Datasheet HTML 5Page - Supertex, Inc HV57009 Datasheet HTML 6Page - Supertex, Inc HV57009 Datasheet HTML 7Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
Symbol
Parameter
Min
Max
Units
Conditions
I
DD
V
DD supply current
15
mA
V
DD = VDD, max
f
CLK = 8MHz
INN
High voltage supply current
-10
µA
Outputs off, HVOUT = -85V
(total of all outputs)
IDDQ
Quiescent VDD supply current
100
µA
All inputs = VDD, except
+IN = VSS = GND
V
OH
High-level output
Data out
V
DD -0.5
V
I
O = -100µA
HVOUT
+1
VDD
VIO = -2mA
VOL
Low-level output
Data out
+0.5
V
IO = 100µA
I
IH
High-level logic input current
1
µAVIH = VDD
IIL
Low-level logic input current
-1
µAVIL = 0V
ICS
HV output source current
-2
mA
VREF = 2V, REXT = 1K,
see Figures 8a and 8b
-0.1
mA
V
REF = 0.1V, REXT = 1K,
see Figure 8a and 8b
∆ICS
HV output source current for IREF = 2.0mA
10
%
VREF = 2V, REXT = 1K
Electrical Characteristics
DC Characteristics (All voltages are referenced to V
SS, VSS = 0, TA = 25°C)
Symbol
Parameter
Min
Max
Units
Conditions
f
CLK
Clock frequency
DC
8
MHz
Per register
tWL, tWH
Clock width high or low
62
ns
t
SU
Data set-up time before clock rises
10
ns
t
H
Data hold time after clock rises
15
ns
tON, tOFF
Time for latch enable to HVOUT
500
ns
CL = 15pF
t
DHL
Delay time clock to data high to low
70
ns
C
L = 15pF
t
DLH
Delay time clock to data low to high
70
ns
C
L = 15pF
tDLE
Delay time clock to LE low to high
25
ns
t
WLE
Width of LE pulse
25
ns
t
SLE
LE set-up time before clock rises
0
ns
tr, tf
Maximum allowable clock rise and fall time
100
ns
(10% and 90% points)
AC Characteristics (Logic signal inputs and Data inputs have t
r, tf ≤ 5ns [10% and 90% points] for measurements)
Notes 1: Current going out of the chip is considered negative.
HV57009



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com