Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV57009 Datasheet(PDF) 3 Page - Supertex, Inc

Part # HV57009
Description  64-Channel Serial To Parallel Converter With P-Channel Open Drain Controllable Output Current
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV57009 Datasheet(HTML) 3 Page - Supertex, Inc

  HV57009 Datasheet HTML 1Page - Supertex, Inc HV57009 Datasheet HTML 2Page - Supertex, Inc HV57009 Datasheet HTML 3Page - Supertex, Inc HV57009 Datasheet HTML 4Page - Supertex, Inc HV57009 Datasheet HTML 5Page - Supertex, Inc HV57009 Datasheet HTML 6Page - Supertex, Inc HV57009 Datasheet HTML 7Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
HV57009
VDD
Input
Logic Inputs
Data Out
Logic Data Output
VDD
VDD
Input
To Internal
Circuits
V
SS
V
SS
V
SS
Analog Input
VDD
ICS
HVOUT
PCTL
High Voltage Output
Symbol
Parameter
Min
Max
Units
VDD
Logic supply voltage
4.5
5.5
V
HV
OUT
HV output off voltage
-85
V
DD
V
V
IH
High-level input voltage
V
DD - 1.2V
V
DD
V
VIL
Low-level input voltage
0
1.2
V
f
CLK
Clock frequency per register
DC
8
MHz
T
A
Operating free-air temperature
Plastic
-40
+85
°C
Ceramic
-55
+125
°C
Note:
Power-up sequence should be the following:
1. Connect ground.
2. Apply VDD.
3. Set all inputs to a known state.
Power-down sequence should be the reverse of the above.
Recommended Operating Conditions
Figure 1: Input and Output Equivalent Circuits



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com