Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT25 Datasheet(PDF) 10 Page - Adam Technologies, Inc.

Part # RT25
Description  RELAY LOW PROFILE SMT SIGNAL RELAY-TYPE RT1
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAM-TECH [Adam Technologies, Inc.]
Direct Link  http://www.adam-tech.com
Logo ADAM-TECH - Adam Technologies, Inc.

RT25 Datasheet(HTML) 10 Page - Adam Technologies, Inc.

Back Button RT25 Datasheet HTML 6Page - Adam Technologies, Inc. RT25 Datasheet HTML 7Page - Adam Technologies, Inc. RT25 Datasheet HTML 8Page - Adam Technologies, Inc. RT25 Datasheet HTML 9Page - Adam Technologies, Inc. RT25 Datasheet HTML 10Page - Adam Technologies, Inc. RT25 Datasheet HTML 11Page - Adam Technologies, Inc. RT25 Datasheet HTML 12Page - Adam Technologies, Inc. RT25 Datasheet HTML 13Page - Adam Technologies, Inc. RT25 Datasheet HTML 14Page - Adam Technologies, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Adam Technologies, Inc.
909 Rahway Avenue • Union, New Jersey 07083 • T: 908-687-5000 • F: 908-687-5710 • WWW.ADAM-TECH.COM
59
RELAY
GENERAL PURPOSE RELAY-TYPE RG1
R SERIES
Recommended PCB Layout
1
.3937
[10.00]
.181 [4.60]
.417
[10.60]
.698
[17.75]
.559 [14.20]
ø.098
[2.50]
1.732 [44.00] MAX
.885 [22.50]
MAX.
1.397
[35.50]
MAX
.181 [4.60]
.698
[17.75]
.417
[10.60]
1.102 [35.50] MAX
SOLDER
PCB
.187" Q.C.
Minimum
Nominal
Voltage
V DC
V DC (max.)
Pick-up Voltage
V DC (min.)
Voltage
Drop-out
Nominal
Operating Current
mA (±10%)
Coil Resistance
(±10%)
Nominal
Operating Power W
Max allowable
Voltage
V DC
DC Types @ 20 C
AC Types (50/60 Hz) at 60 Hz, 20 C
V DC
Voltage
Max allowable
Operating Power
VA
(±10%)
Coil Resistance
mA (±10%)
Operating Current
Nominal
Drop-out
Voltage
V DC (min.)
Pick-up Voltage
V DC (max.)
V AC
Voltage
Nominal
TERMINAL OPTIONS
2
4
3
6
5
8
7
1.732
[40.00]
MAX
.141
[3.60]
1.496
[38.00]
1 FORM C
14
13
12
7
2
2
12
13
14
1 FORM A
12
5
4
8
7
13
14
2 FORM C
2 FORM A
14
13
912
5
8
4
1
TOP MOUNT
FLANGE OPTION
0.58
0.58
0.58
0.58
0.58
Nominal
1.20
Minimum
0.77
12
48
24
6
110/120
88
4.8
19.2
38.4
9.6
11
0.6
2.4
4.8
1.2
10
150
37
18.5
75
13,400
40
640
2,560
160
0.9
0.9
0.9
0.9
0.9
121
6.6
26.4
52.8
13.2
220/240
176
44
6.0 / 6.5
1,360
264
13.2
52.8
26.4
6.6
132
40
650
160
10
3,400
110
30
60
220
13.5 / 14.5
2.4
9.6
4.8
1.2
22
9.6
38.4
19.2
4.8
88
110/120
6
24
48
12
RG1 SERIES
1FormA
2FormA
1FormC
2 Form C
DC Types @ 20°C
AC Types (50/60 Hz) @ 60 Hz, 20° C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com