Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT25 Datasheet(PDF) 16 Page - Adam Technologies, Inc.

Part # RT25
Description  RELAY LOW PROFILE SMT SIGNAL RELAY-TYPE RT1
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAM-TECH [Adam Technologies, Inc.]
Direct Link  http://www.adam-tech.com
Logo ADAM-TECH - Adam Technologies, Inc.

RT25 Datasheet(HTML) 16 Page - Adam Technologies, Inc.

Back Button RT25 Datasheet HTML 8Page - Adam Technologies, Inc. RT25 Datasheet HTML 9Page - Adam Technologies, Inc. RT25 Datasheet HTML 10Page - Adam Technologies, Inc. RT25 Datasheet HTML 11Page - Adam Technologies, Inc. RT25 Datasheet HTML 12Page - Adam Technologies, Inc. RT25 Datasheet HTML 13Page - Adam Technologies, Inc. RT25 Datasheet HTML 14Page - Adam Technologies, Inc. RT25 Datasheet HTML 15Page - Adam Technologies, Inc. RT25 Datasheet HTML 16Page - Adam Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
Adam Technologies, Inc.
909 Rahway Avenue • Union, New Jersey 07083 • T: 908-687-5000 • F: 908-687-5710 • WWW.ADAM-TECH.COM
65
SOLID STATE RELAY
6 & 8 PIN DIP PACKAGES-TYPE SSR
R SERIES
Recommended PCB Layout
Recommended PCB Layout
.300
[7.62]
.100
[2.54]
.200
[5.08]
.300
[7.62]
.100
[2.54]
.300
[7.62]
ø.031
[0.80]
ø.031
[0.80]
.300
[7.62]
.100
[2.54]
18
.256 [6.50]
.248 [6.30]
.343 [8.70]
.335 [8.50]
.150 [3.81]
.130 [3.30]
.320 [8.12]
.260 [6.60]
.035 [0.90]
.031 [0.80]
.014 [0.35]
.010 [0.25]
.256 [6.50]
.248 [6.30]
.014 [0.35]
.010 [0.25]
18
.300
[7.62]
.320 [8.12]
.260 [6.60]
.100
[2.54]
.390 [9.91]
.379 [9.63]
.035 [0.90]
.031 [0.80]
.150 [3.81]
.130 [3.30]
SOLID STATE RELAY PART NO.
Load
Volts
(V)
Load
Current
(mA)
On
Resistance
(Ohms)
Isolation
(Vrms)
Input
Current
(mA)
Off State
Leakage
(mA)
Time On
(m sec.)
Time Off
(m sec.)
Dip
Package
250
SSR1A-250-170-15-6T
SSR1A-250-200-10-6T
SSR1A-350-120-15-6T
SSR1A-350-120-35-6T
SSR1A-350-170-16-6T
SSR1A-350-170-20-6T
250
250
250
250
250
170
170
120
120
200
170
15
10
25
35
16
20
3,750
3,750
3,750
3,750
3,750
3,750
5
5
2
5
5
5
1
1
1
1
1
1
5
5
3
5
5
5
5
5
5
3
5
5
6 Pin
6 Pin
6 Pin
6 Pin
6 Pin
6 Pin
6 Pin
3
3
1
5
3,750
35
120
SSR1B-350-120-35-6T
350
250
SSR2A-250-170-15-8T
170
15
3,750
5
15
5
8 Pin
8 Pin
5
5
1
5
3,750
25
120
SSR2A-350-120-25-8T
350
350
120
25
2,500
5
1
1
1
8 Pin
8 Pin
5
5
1
5
3,750
20
150
SSR1A1B-250-150-20-8T
250
8 Pin
5
5
1
5
3,750
35
120
350
SSR1A1B-350-120-25-8T
SSR1A1B-350-120-35-8T
INTRODUCTION:
Adam
Tech’s
Solid
State
MOSFET controlled relays deliver
fast,
reliable,
bounce
free
switching in small packages. The
LED input with MOSFET output is
ideal for applications requiring low
power input to control larger loads
while
providing
extremely
high isolation. They are ideal to
replace reed relays in applications
susceptible to EMI or vibration
while offering the reliability of
a
Solid
State
design
with
extended life. Comprised of two
components in one package this
product
allows
designers
to
condense PCB space.
FEATURES:
This series is offered in both
6
&
8
in
DIP
packages.
Typical applications are data
communications
equipment,
computers, security devices,
medical
equipment
and
instrumentation.
SSR1 SERIES SOLID STATE RELAY
6 Pin DIP
SSR1 & SSR2 SERIES SOLID STATE RELAY
8 Pin DIP
SSR1A-350-120-35-6T
Contact Form 1a
Contact Form 1b
Contact Form 2a
Contact Form 1a1b
SSR2A-350-120-25-8T



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com