Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

17633 Datasheet(PDF) 2 Page - Linear Technology

Part # 17633
Description  500mA, Low Noise, LDO Micropower Regulators
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

17633 Datasheet(HTML) 2 Page - Linear Technology

  17633 Datasheet HTML 1Page - Linear Technology 17633 Datasheet HTML 2Page - Linear Technology 17633 Datasheet HTML 3Page - Linear Technology 17633 Datasheet HTML 4Page - Linear Technology 17633 Datasheet HTML 5Page - Linear Technology 17633 Datasheet HTML 6Page - Linear Technology 17633 Datasheet HTML 7Page - Linear Technology 17633 Datasheet HTML 8Page - Linear Technology 17633 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
LT1763 Series
2
1763fe
ABSOLUTE MAXIMUM RATINGS
IN Pin Voltage ........................................................ ±20V
OUT Pin Voltage..................................................... ±20V
Input to Output Differential Voltage........................ ±20V
SENSE Pin Voltage ............................................... ±20V
ADJ Pin Voltage ...................................................... ±7V
BYP Pin Voltage .....................................................±0.6V
SHDN Pin Voltage ................................................ ±20V
Output Short-Circuit Duration ........................ Indefinite
(Note 1)
12
11
10
9
8
7
13
1
2
3
4
5
6
NC
IN
IN
NC
SHDN
GND
NC
OUT
OUT
NC
SENSE/ADJ*
BYP
TOP VIEW
DE PACKAGE
12-LEAD (4mm
3mm) PLASTIC DFN
TJMAX = 125°C, θJA = 40°C/W, θJC = 5°C/W
EXPOSED PAD (PIN 13) IS GND, MUST BE SOLDERED TO PCB
*PIN 5: SENSE FOR LT1763-1.5/LT1763-1.8/LT1763-2.5/LT1763-3/LT1763-3.3/LT1763-5
ADJ FOR LT1763
SEE THE APPLICATIONS INFORMATION SECTION.
TOP VIEW
IN
GND
GND
SHDN
OUT
SENSE/ADJ*
GND
BYP
S8 PACKAGE
8-LEAD PLASTIC SO
1
2
3
4
8
7
6
5
TJMAX = 150°C, θJA = 70°C/W, θJC = 35°C/W
*PIN 2: SENSE FOR LT1763-1.5/LT1763-1.8/LT1763-2.5/LT1763-3/LT1763-3.3/LT1763-5
ADJ FOR LT1763
SEE THE APPLICATIONS INFORMATION SECTION.
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT1763CDE#PBF
LT1763CDE#TRPBF
1763
12-Lead (4mm × 3mm) Plastic DFN
–40°C to 125°C
LT1763CDE-1.5#PBF
LT1763CDE-1.5#TRPBF
76315
12-Lead (4mm × 3mm) Plastic DFN
–40°C to 125°C
LT1763CDE-1.8#PBF
LT1763CDE-1.8#TRPBF
76318
12-Lead (4mm × 3mm) Plastic DFN
–40°C to 125°C
LT1763CDE-2.5#PBF
LT1763CDE-2.5#TRPBF
76325
12-Lead (4mm × 3mm) Plastic DFN
–40°C to 125°C
LT1763CDE-3#PBF
LT1763CDE-3#TRPBF
17633
12-Lead (4mm × 3mm) Plastic DFN
–40°C to 125°C
LT1763CDE-3.3#PBF
LT1763CDE-3.3#TRPBF
76333
12-Lead (4mm × 3mm) Plastic DFN
–40°C to 125°C
LT1763CDE-5#PBF
LT1763CDE-5#TRPBF
17635
12-Lead (4mm × 3mm) Plastic DFN
–40°C to 125°C
LT1763CS8#PBF
LT1763CS8#TRPBF
1763
8-Lead Plastic SO
–40°C to 125°C
LT1763IS8#PBF
LT1763IS8#TRPBF
1763
8-Lead Plastic SO
–40°C to 125°C
LT1763MPS8#PBF
LT1763MPS8#TRPBF
1763MP
8-Lead Plastic SO
–55°C to 125°C
Operating Junction Temperature Range (Note 2)
C, I Grade...........................................–40°C to 125°C
MP Grade...........................................–55°C to 125°C
Storage Temperature Range
S8 Package ........................................–65°C to 150°C
DFN Package......................................–65°C to 150°C
Lead Temperature (Soldering, 10 sec)
S8 Package ....................................................... 300°C
PIN CONFIGURATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com