Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

17633 Datasheet(PDF) 5 Page - Linear Technology

Part # 17633
Description  500mA, Low Noise, LDO Micropower Regulators
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

17633 Datasheet(HTML) 5 Page - Linear Technology

  17633 Datasheet HTML 1Page - Linear Technology 17633 Datasheet HTML 2Page - Linear Technology 17633 Datasheet HTML 3Page - Linear Technology 17633 Datasheet HTML 4Page - Linear Technology 17633 Datasheet HTML 5Page - Linear Technology 17633 Datasheet HTML 6Page - Linear Technology 17633 Datasheet HTML 7Page - Linear Technology 17633 Datasheet HTML 8Page - Linear Technology 17633 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
LT1763 Series
5
1763fe
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. (Note 2)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
GND Pin Current
VIN = VOUT(NOMINAL)
(Notes 5, 7)
ILOAD = 0mA
ILOAD = 1mA
ILOAD = 50mA
ILOAD = 100mA
ILOAD = 250mA
ILOAD = 500mA
l
l
l
l
l
l
30
65
1.1
2
5
11
75
120
1.6
3
8
16
μA
μA
mA
mA
mA
mA
Output Voltage Noise
COUT = 10μF, CBYP = 0.01μF, ILOAD = 500mA, BW = 10Hz to 100kHz
20
μVRMS
ADJ Pin Bias Current
(Notes 3, 8)
30
100
nA
Shutdown Threshold
VOUT = Off to On
VOUT = On to Off
l
l
0.25
0.8
0.65
2V
V
SHDN Pin Current
(Note 9)
VSHDN = 0V
VSHDN = 20V
0.1
1
μA
μA
Quiescent Current in Shutdown
VIN = 6V, VSHDN = 0V
0.1
1
μA
Ripple Rejection
VIN – VOUT = 1.5V (Avg), VRIPPLE = 0.5VP-P, fRIPPLE = 120Hz,
ILOAD = 500mA
50
65
dB
Current Limit
VIN = 7V, VOUT = 0V
C, I Grade: VIN = VOUT(NOMINAL) + 1V or 2.3V (Note 12), ΔVOUT = –0.1V
MP Grade: VIN = 2.35V (Note 12), ΔVOUT = –0.1V
l
l
520
520
mA
mA
Input Reverse Leakage Current
VIN = –20V, VOUT = 0V
l
1mA
Reverse Output Current
(Note 10)
LT1763-1.5
VOUT = 1.5V, VIN < 1.5V
LT1763-1.8
VOUT = 1.8V, VIN < 1.8V
LT1763-2.5
VOUT = 2.5V, VIN < 2.5V
LT1763-3
VOUT = 3V, VIN < 3V
LT1763-3.3
VOUT = 3.3V, VIN < 3.3V
LT1763-5
VOUT = 5V, VIN < 5V
LT1763 (Note 3) VOUT = 1.22V, VIN < 1.22V
10
10
10
10
10
10
5
20
20
20
20
20
20
10
μA
μA
μA
μA
μA
μA
μA
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LT1763 regulators are tested and specified under pulse
load conditions such that TJ ≅ TA. The LT1763 (C grade) is 100% tested
at TA = 25°C; performance at –40°C and 125°C is assured by design,
characterization and correlation with statistical process controls. The
LT1763 (I grade) is guaranteed over the full –40°C to 125°C operating
junction temperature range. The LT1763 (MP grade) is 100% tested and
guaranteed over the –55°C to 125°C operating junction temperature range.
Note 3: The LT1763 (adjustable version) is tested and specified for these
conditions with the ADJ pin connected to the OUT pin.
Note 4: Operating conditions are limited by maximum junction
temperature. The regulated output voltage specification will not apply
for all possible combinations of input voltage and output current. When
operating at maximum input voltage, the output current range must be
limited. When operating at maximum output current, the input voltage
range must be limited.
Note 5: To satisfy requirements for minimum input voltage, the LT1763
(adjustable version) is tested and specified for these conditions with an
external resistor divider (two 250k resistors) for an output voltage of
2.44V. The external resistor divider will add a 5μA DC load on the output.
Note 6: Dropout voltage is the minimum input to output voltage differential
needed to maintain regulation at a specified output current. In dropout, the
output voltage will be equal to: VIN – VDROPOUT.
Note 7: GND pin current is tested with VIN = VOUT(NOMINAL) or VIN = 2.3V
(C, I grade) or 2.35V (MP grade), whichever is greater, and a current
source load. This means the device is tested while operating in its dropout
region. This is the worst-case GND pin current. The GND pin current will
decrease slightly at higher input voltages.
Note 8: ADJ pin bias current flows into the ADJ pin.
Note 9:
SHDN pin current flows into the SHDN pin.
Note 10: Reverse output current is tested with the IN pin grounded and the
OUT pin forced to the rated output voltage. This current flows into the OUT
pin and out the GND pin.
Note 11: For the LT1763, LT1763-1.5 and LT1763-1.8 dropout voltage will
be limited by the minimum input voltage specification under some output
voltage/load conditions. See the curve of Minimum Input Voltage in the
Typical Performance Characteristics.
Note 12: To satisfy requirements for minimum input voltage, current limit
is tested at VIN = VOUT(NOMINAL) + 1V or 2.3V (C, I grade) or 2.35V
(MP grade), whichever is greater.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com