Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LR8K4 Datasheet(PDF) 8 Page - Supertex, Inc

Part # LR8K4
Description  High Input Voltage Adjustable 3-Terminal Linear Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

LR8K4 Datasheet(HTML) 8 Page - Supertex, Inc

Back Button LR8K4 Datasheet HTML 3Page - Supertex, Inc LR8K4 Datasheet HTML 4Page - Supertex, Inc LR8K4 Datasheet HTML 5Page - Supertex, Inc LR8K4 Datasheet HTML 6Page - Supertex, Inc LR8K4 Datasheet HTML 7Page - Supertex, Inc LR8K4 Datasheet HTML 8Page - Supertex, Inc LR8K4 Datasheet HTML 9Page - Supertex, Inc LR8K4 Datasheet HTML 10Page - Supertex, Inc LR8K4 Datasheet HTML 11Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
8
LR8
LR8
Application Note
AN-H40
Operation
Except for it’s higher voltage rating, the LR8 operates like any
other 3-terminal adjustable linear regulator.
A simple resistive divider sets the output voltage while a capacitor
at the output improves transient response and ensures regulator
stability. When applicable, an input capacitor is required to
provide energy storage for rectified AC.
Keeping in mind that the LR8 requires at least a 10V difference
between input and output for proper operation, the minimum
value for CIN is:
Introduction
The LR8 is a high voltage 3-terminal adjustable linear regulator.
Intended for operation directly off rectified AC mains, the LR8
operates at input voltages up to 450 volts, making it compatible
with line voltages up to 240 VAC. It’s output voltage adjustability
assures that it can be used in most any application. The LR8 is
ideally suited for low power off-line DC power supplies and
SMPS start-up circuits.
Available in a leaded TO-92 package and a surface mount
SOT-89 and D-PAK package, it is ideal for applications where
space is at a premium.
Relevant specifications are shown in the table below.
Input Voltage Range
(VOUT +10V) to 450V
Output Voltage Range
1.2V to (VIN - 10V)
Output Voltage Accuracy
±5%
Power Dissipation
TO-92:
0.74W
TO-243AA (SOT-89):
1.6W
TO-252 (D-PAK):
2.5W
Output Current
0.5 to 10mA
Load Regulation
3%
Line Regulation
0.01%/V
Supply Rejection
60dB typ @120Hz
LR8 Specifications
CI
t
VV
IN
LOAD
IN pk
OUT
>
−−
()
10V
where
I
LOAD
= Load current
t= Time between peaks of input
waveform
V
IN(pk)
= Peak input voltage
V
OUT
= Output voltage
Note that the LR8 requires a minimum of 0.5mA load current for
proper operation. The current through the resistive divider may
be included as part of the minimum load.
High Voltage Linear Regulators and
Constant Current Sources Using LR8
by Scott Lynch, Senior Applications Engineer
LR8 Block Diagram and Typical Application
Overtemp &
Overcurrent
10µA
1.2V
VIN
VOUT
ADJ
LR8
Pass
Element
R1
R2
COUT
≥ 1µF
CIN
Needed for protection should VOUT exceed VIN
Load
Supply
V
R
R
R
OUT =+
 +µ
12
1
10
2
1
2
.•
vA



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com