Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LR8K4 Datasheet(PDF) 7 Page - Supertex, Inc

Part # LR8K4
Description  High Input Voltage Adjustable 3-Terminal Linear Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

LR8K4 Datasheet(HTML) 7 Page - Supertex, Inc

Back Button LR8K4 Datasheet HTML 3Page - Supertex, Inc LR8K4 Datasheet HTML 4Page - Supertex, Inc LR8K4 Datasheet HTML 5Page - Supertex, Inc LR8K4 Datasheet HTML 6Page - Supertex, Inc LR8K4 Datasheet HTML 7Page - Supertex, Inc LR8K4 Datasheet HTML 8Page - Supertex, Inc LR8K4 Datasheet HTML 9Page - Supertex, Inc LR8K4 Datasheet HTML 10Page - Supertex, Inc LR8K4 Datasheet HTML 11Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
7
LR8
Typical Performance Curves
LR8
25V
ADJ
V
IN
6.04KΩ
±1%
18.2KΩ
±1%
1.0µF
10KΩ
523Ω
SW
V
OUT=5.0V
LR8
ADJ
VIN
6.04KΩ
±1%
18.2KΩ
±1%
1.0µF
10KΩ
VOUT
0V
400V
VIN
Load Transient Response
Line Transient Response
Vout
Vin
5.0V
0V
0V
400V
Vout
Vin
5.0V
0V
0V
400V
Vout
SW
Closed
Open
Vout
Vin
400V
0V
0V
5.0V
Load Transient Response
Line Transient Response
Line Power Up Transient
Line Power Down Transient
LR8
1235 Bordeaux Drive, Sunnyvale, CA 94089
TEL: (408) 744-0100 • FAX: (408) 222-4895
www.supertex.com
12/03/01rev.2
©2001 Supertex Inc. All rights reserved. Unauthorized use or reproduction prohibited.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com