Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IL2575D2 Datasheet(PDF) 3 Page - IK Semicon Co., Ltd

Part # IL2575D2
Description  1.0 A, 15 V, Step-Down Switching Regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IKSEMICON [IK Semicon Co., Ltd]
Direct Link  http://www.iksemi.com/en/index.html
Logo IKSEMICON - IK Semicon Co., Ltd

IL2575D2 Datasheet(HTML) 3 Page - IK Semicon Co., Ltd

  IL2575D2 Datasheet HTML 1Page - IK Semicon Co., Ltd IL2575D2 Datasheet HTML 2Page - IK Semicon Co., Ltd IL2575D2 Datasheet HTML 3Page - IK Semicon Co., Ltd IL2575D2 Datasheet HTML 4Page - IK Semicon Co., Ltd IL2575D2 Datasheet HTML 5Page - IK Semicon Co., Ltd IL2575D2 Datasheet HTML 6Page - IK Semicon Co., Ltd IL2575D2 Datasheet HTML 7Page - IK Semicon Co., Ltd IL2575D2 Datasheet HTML 8Page - IK Semicon Co., Ltd IL2575D2 Datasheet HTML 9Page - IK Semicon Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
IL2575-xx
OPERATING RATINGS
(Operating Ratings indicate conditions for which the device is intended to be functional, but do not guarantee specific
performance limits. For guaranteed specifications and test conditions, see the Electrical Characteristics.)
Rating
Symbol
Value
Unit
Operating Junction Temperature Range
TJ
–40 to +125
°C
Supply Voltage
Vin
40
V
SYSTEM PARAMETERS [Note 1]
ELECTRICAL CHARACTERISTICS
(Unless otherwise specified, Vin = 12 V for the 3.3 V, 5.0 V, and Adjustable version, Vin = 25 V for the 12 V version, and Vin = 30 V for
the 15 V version. ILoad = 500 mA, TJ = 25
°C, for min/max values TJ is the operating junction temperature range that applies [Note 2],
unless otherwise noted.)
Characteristics
Symbol
Min
Max
Unit
IL2575–3.3 ([Note 1] Test Circuit Figure 14)
Output Voltage (Vin=12V, ILoad=0.2A, Tj=25°C)
Vout
3.234
3.366
V
Output Voltage (4.75V
≤Vin ≤40V, 0.2A ≤ILoad ≤1.0A)
TJ = 25°C
TJ = –40 to +125°C
Vout
3.168
3.135
3.432
3.465
V
Efficiency (Vin = 12V, ILoad = 1.0A)
η
65
-
%
IL2575–5 [Note 1]
Output Voltage (Vin=12V, ILoad=0.2A, Tj=25°C)
Vout
4.9
5.1
V
Output Voltage (8.0V
≤Vin ≤40V, 0.2A ≤ILoad ≤1.0A)
TJ = 25°C
TJ = –40 to +125°C
Vout
4.8
4.75
5.2
5.25
V
Efficiency (Vin = 12 V, ILoad = 1.0 A)
η
67
-
%
IL2575–12 [Note 1]
Output Voltage (Vin=25V, ILoad=0.2A, Tj=25°C)
Vout
11.76
12.24
V
Output Voltage (15.0V
≤Vin ≤40V, 0.2A ≤ILoad ≤1.0A)
TJ = 25°C
TJ = –40 to +125°C
Vout
11.52
11.4
12.48
12.6
V
Efficiency (Vin = 15V, ILoad = 1.0A)
η
78
-
%
IL2575–15 [Note 1]
Output Voltage (Vin=30V, ILoad=0.2A, Tj=25°C)
Vout
14.7
15.3
V
Output Voltage (18V
≤Vin ≤40V, 0.2A ≤ILoad ≤1.0A)
TJ = 25°C
TJ = –40 to +125°C
Vout
14.4
14.25
15.6
15.75
V
Efficiency (Vin = 12V, ILoad = 1.0A)
η
78
-
%
IL2575 ADJUSTABLE VERSION [Note 1]
Feedback Voltage (Vin=12V, ILoad =0.2A, Vout = 5.0V,
TJ=25°C)
Vout
1.217
1.243
V
Feedback Voltage (8.0V
≤Vin ≤ 40V, 0.2A ≤ILoad ≤1.0A,
Vout=5.0V)
TJ = 25°C
TJ = –40 to +125°C
Vout
1.193
1.18
1.267
1.28
V
Efficiency (Vin = 12V, ILoad = 1.0A, Vout = 5.0V)
η
67
-
%
1. External components such as the catch diode, inductor, input and output capacitors can affect switching regulator system
performance.
When the IL2575 is used as shown in the test circuit 14, system performance will be as shown in system parameters section .
2. Tested junction temperature range for the IL2575: Tlow = –40
°C Thigh = +125°C
Rev. 00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com