Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IL2575D2 Datasheet(PDF) 4 Page - IK Semicon Co., Ltd

Part # IL2575D2
Description  1.0 A, 15 V, Step-Down Switching Regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IKSEMICON [IK Semicon Co., Ltd]
Direct Link  http://www.iksemi.com/en/index.html
Logo IKSEMICON - IK Semicon Co., Ltd

IL2575D2 Datasheet(HTML) 4 Page - IK Semicon Co., Ltd

  IL2575D2 Datasheet HTML 1Page - IK Semicon Co., Ltd IL2575D2 Datasheet HTML 2Page - IK Semicon Co., Ltd IL2575D2 Datasheet HTML 3Page - IK Semicon Co., Ltd IL2575D2 Datasheet HTML 4Page - IK Semicon Co., Ltd IL2575D2 Datasheet HTML 5Page - IK Semicon Co., Ltd IL2575D2 Datasheet HTML 6Page - IK Semicon Co., Ltd IL2575D2 Datasheet HTML 7Page - IK Semicon Co., Ltd IL2575D2 Datasheet HTML 8Page - IK Semicon Co., Ltd IL2575D2 Datasheet HTML 9Page - IK Semicon Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
IL2575-xx
DEVICE PARAMETERS
ELECTRICAL CHARACTERISTICS
(Unless otherwise specified, Vin = 12 V for the 3.3 V, 5.0 V, and Adjustable version, Vin = 25 V
for the 12 V version, and Vin = 30 V for the 15 V version. ILoad = 500 mA, TJ = 25
°C, for min/max values TJ is the
operating junction temperature range that applies [Note 2], unless otherwise noted.)
Characteristics
Symbol
Min
Max
Unit
ALL OUTPUT VOLTAGE VERSIONS
Feedback Bias Current (Vout = 5.0 V [Adjustable Version
Only])
TJ = 25°C
TJ = –40 to +125°C
Ib
–
–
100
500
nA
Oscillator Frequency [Note 3]
TJ = 25°C
TJ = –40 to +125°C
fosc
–
42
–
63
kHz
Saturation Voltage (Iout = 1.0 A [Note 4])
TJ = 25°C
TJ = –40 to +125°C
Vsat
–
–
1.8
2.0
V
Max Duty Cycle (“on”) [Note 5]
DC
93
–
%
Current Limit (Peak Current [Notes 3 and 4])
TJ = 25°C
TJ = –40 to +125°C
ICL
4.2
3.5
6.9
7.5
,A
Output Leakage Current [Notes 6 and 7], TJ = 25°C
Output = 0 V
Output = –1.0 V
IL
–
–
2.0
30
mA
Quiescent Current [Note 6]
TJ = 25°C
TJ = –40 to +125°C
IQ
–
–
10
11
mA
Standby Quiescent Current (ON/OFF Pin = 5.0 V (“off”))
TJ = 25°C
Istby
–
200
uA
ON/OFF Pin Logic Input Level
Vout = 0 V
TJ = 25°C
TJ = –40 to +125°C
Vout = Nominal Output Voltage
TJ = 25°C
TJ = –40 to +125°C
VIH
VIL
2.2
2.4
–
–
–
–
1.0
0.8
V
ON/OFF Pin Input Current
ON/OFF Pin = 5.0 V (“off”), TJ = 25°C
ON/OFF Pin = 0 V (“on”), TJ = 25°C
IIH
IIL
–
–
30
10
uA
3. The oscillator frequency reduces to approximately 18 kHz in the event of an output short or an overload which causes the regulated
output voltage to drop approximately 40% from the nominal output voltage. This self protection feature lowers the average dissipation of
the IC by lowering the minimum duty cycle from 5% down to approximately 2%.
4. Output (Pin 2) sourcing current. No diode, inductor or capacitor connected to output pin.
5. Feedback (Pin 4) removed from output and connected to 0 V.
6. Feedback (Pin 4) removed from output and connected to +12 V for the Adjustable, 3.3 V, and 5.0 V versions, and +25 V for the 12 V
and 15 V versions, to force the output transistor “off”.
7. Vin = 40 V.
Rev. 00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com