| Electronic Components Datasheet Search |
|
MMBT5550 Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd |
|
|
|||||||||||||||||||||||||||||
MMBT5550 Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd |
|
2 / 2 page ![]() 2 SMD Type Transistors www.kexin.com.cn MMBT5550 Marking Marking M1F Electrical Characteristics Ta = 25 Parameter Symbol Testconditons Min Typ Max Unit Collector?emitter breakdown voltage * V(BR)CEO IC =1.0 mA, IB = 0 140 V Collector?base breakdown voltage V(BR)CBO IC = 100 ìA, IE = 0 160 V Emitter ?base breakdown voltage V(BR)EBO IE =10ìA, IC =0 6 V VCB = 100 V, IE = 0 100 nA VCB = 100 V, IE = 0, Ta = 100 100 ìA Emitter cutoff current IEBO VEB =4.0 V, IC = 0 50 nA IC =1.0 mA, VCE =5V 60 IC =10mA, VCE = 5 V 60 250 IC =50mA, VCE =5V 20 IC =10mA, IB = 1.0 mA 0.15 V IC =50mA, IB = 5.0 mA 0.25 V IC =10mA, IB =1.0 mA 1.0 V IC =50mA, IB =5.0 mA 1.2 V VCB = 10 V 50 nA VCB = 75 V 100 nA * Pulse Test: Pulse Width = 300 ìs, Duty Cycle=2.0%. VCE(sat) VBE(sat) ICES Collector emitter cut-off Base-emitter saturation voltage Collector-emitter saturation voltage ICBO Collector cutoff current hFE DC current gain |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |