Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HE16HWPR/08 Datasheet(PDF) 8 Page - Altech corporation

Part # HE16HWPR/08
Description  FEED-THROUGH FLAT BASE EUROSTRIPS Panel Mount
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTECH [Altech corporation]
Direct Link  http://www.altechcorp.com
Logo ALTECH - Altech corporation

HE16HWPR/08 Datasheet(HTML) 8 Page - Altech corporation

Back Button HE16HWPR/08 Datasheet HTML 2Page - Altech corporation HE16HWPR/08 Datasheet HTML 3Page - Altech corporation HE16HWPR/08 Datasheet HTML 4Page - Altech corporation HE16HWPR/08 Datasheet HTML 5Page - Altech corporation HE16HWPR/08 Datasheet HTML 6Page - Altech corporation HE16HWPR/08 Datasheet HTML 7Page - Altech corporation HE16HWPR/08 Datasheet HTML 8Page - Altech corporation HE16HWPR/08 Datasheet HTML 9Page - Altech corporation HE16HWPR/08 Datasheet HTML 10Page - Altech corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Dimensions mm
A= 10.0
J= 15.2
B= M3
K= 11.5
C= 6.4
L= 117
D= 3.6
M= 18.5
E= Ø3.5
N =
34.4
F= Ø5.7
O= 9.2
G = 10.0
P= 20
H= Ø3.5
Q= 14.4
I= 6.8
R= 7
10 mm
3.5 mm
3.6 mm
2.5-4mm2
24-10AWG
400V
600V
10A
20A
0.8Nm
7.2lb
Cat. No.
Std. Pk.
HE42SBU/02
100
HE42SBU/03
100
HE42SBU/04
100
HE42SBU/05
100
HE42SBU/06
50
HE42SBU/07
50
HE42SBU/08
50
HE42SBU/09
50
HE42SBU/10
50
HE42SBU/11
50
HE42SBU/12
50
HE42SST
HE42SBU
Pole Spacing
Mounting Hole Diameter
Stripping Length
Approvals
Wire Range
Voltage Rating
Current Rating
Torque
No. of Poles
2
3
4
5
6
7
8
9
10
11
12
Standoff feet
Standoff feet
10 mm
3.5 mm
3.6 mm
2.5-4mm2
24-10AWG
400V
600V
10A
20A
0.8Nm
7.2lb
Cat. No.
Std. Pk.
HE42SST/02
100
HE42SST/03
100
HE42SST/04
100
HE42SST/05
100
HE42SST/06
50
HE42SST/07
50
HE42SST/08
50
HE42SST/09
50
HE42SST/10
50
HE42SST/11
50
HE42SST/12
50
STANDOFF
FEET
87
Altech Corp.® • 35 Royal Road • Flemington, NJ 08822-6000 • Phone (908)806-9400 • FAX (908)806-9490 • www.altechcorp.com
E211022
E211022



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com