Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HE16HWPR/08 Datasheet(PDF) 4 Page - Altech corporation

Part # HE16HWPR/08
Description  FEED-THROUGH FLAT BASE EUROSTRIPS Panel Mount
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTECH [Altech corporation]
Direct Link  http://www.altechcorp.com
Logo ALTECH - Altech corporation

HE16HWPR/08 Datasheet(HTML) 4 Page - Altech corporation

  HE16HWPR/08 Datasheet HTML 1Page - Altech corporation HE16HWPR/08 Datasheet HTML 2Page - Altech corporation HE16HWPR/08 Datasheet HTML 3Page - Altech corporation HE16HWPR/08 Datasheet HTML 4Page - Altech corporation HE16HWPR/08 Datasheet HTML 5Page - Altech corporation HE16HWPR/08 Datasheet HTML 6Page - Altech corporation HE16HWPR/08 Datasheet HTML 7Page - Altech corporation HE16HWPR/08 Datasheet HTML 8Page - Altech corporation HE16HWPR/08 Datasheet HTML 9Page - Altech corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
12 mm
4.2 mm
7 mm
4-6 mm2
20-10 AWG
400V
300 V
16 A
40 A
0.8 Nm
7.0 lb-in
Cat. No.
Std. Pk.
HE6WPR/02
100
HE6WPR/03
100
HE6WPR/04
100
HE6WPR/05
100
HE6WPR/06
50
HE6WPR/07
50
HE6WPR/08
50
HE6WPR/09
50
HE6WPR/10
25
HE6WPR/11
25
HE6WPR/12
25
HE6
Flat base with wire protector
Dimensions mm
A= 12.0
H= Ø4.1
B= M3.5
I= 4.0
C= 7.7
J= 9.5
D= 4.3
K= 8.9
E= Ø4.2
L= 140 (12 pole)
F= Ø6.3
M= 16.8
G = 12.0
N =
22.6
15 mm
4.3 / 5.7 mm
8.5 mm
6-10 mm2
18-8 AWG
400V
300 V
25 A
50 A
1.2 Nm
10.6 lb-in
Cat. No.
Std. Pk.
HE10WPR/02
50
HE10WPR/03
50
HE10WPR/04
50
HE10WPR/05
50
HE10WPR/06
25
HE10WPR/07
25
HE10WPR/08
25
HE10WPR/09
25
HE10WPR/10
10
HE10WPR/11
10
HE10WPR/12
10
HE10
Flat base with wire protector
Dimensions mm
A= 15.0
H= Ø5.0
B= M4
I= 4.8
C= 9.3
J= 11.3
D= 5.7
K= 11.6
E= Ø4.3/5.7
L= 175 (12 pole)
F= Ø8.2
M= 21.9
G = 15.0
N =
25.1
15 mm
4.3 / 5.7 mm
8.5 mm
10-16 mm2
18-6 AWG
400 V
300 V
35-63 A
63 A
2.0 Nm
17.7 lb-in
Cat. No.
Std. Pk.
HE16WPR/02
50
HE16WPR/03
50
HE16WPR/04
50
HE16WPR/05
50
HE16WPR/06
25
HE16WPR/07
25
HE16WPR/08
25
HE16WPR/09
25
HE16WPR/10
10
HE16WPR/11
10
HE16WPR/12
10
HE16
Flat base with wire protector
Dimensions mm
A= 15.0
H= Ø5.6
B= M5
I= 4.8
C= 9.3
J= 11.3
D= 5.7
K= 11.6
E= Ø4.3/5.7
L= 175 (12 pole)
F= Ø8.2
M= 21.9
G = 15.0
N =
25.1
83
Altech Corp.® • 35 Royal Road • Flemington, NJ 08822-6000 • Phone (908)806-9400 • FAX (908)806-9490 • www.altechcorp.com
E211022
E211022
E211022



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com