Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC1413 Datasheet(PDF) 1 Page - TelCom Semiconductor, Inc

Part # TC1413
Description  3A HIGH-SPEED MOSFET DRIVERS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC1413 Datasheet(HTML) 1 Page - TelCom Semiconductor, Inc

  TC1413 Datasheet HTML 1Page - TelCom Semiconductor, Inc TC1413 Datasheet HTML 2Page - TelCom Semiconductor, Inc TC1413 Datasheet HTML 3Page - TelCom Semiconductor, Inc TC1413 Datasheet HTML 4Page - TelCom Semiconductor, Inc TC1413 Datasheet HTML 5Page - TelCom Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
4-201
TELCOM SEMICONDUCTOR, INC.
7
6
5
4
3
1
2
8
3A HIGH-SPEED MOSFET DRIVERS
TC1413
TC1413N
FUNCTIONAL BLOCK DIAGRAM
PIN CONFIGURATIONS
TC1413
1
2
3
4
VDD
5
6
7
8
OUT
GND
VDD
IN
NC
GND
NC = NO INTERNAL CONNECTION
2
6, 7
INVERTING
NOTE: SOIC pinout is identical to DIP.
OUT
TC1413N
1
2
3
4
VDD
5
6
7
8
OUT
GND
VDD
IN
NC
GND
2
6, 7
NONINVERTING
OUT
OUTPUT
INPUT
GND
EFFECTIVE
INPUT
C = 10pF
300mV
INVERTING
OUTPUTS
NONINVERTING
OUTPUTS
VDD
TC1413N
4.7V
TC1413
ORDERING INFORMATION
Part No.
Package
Temp.Range
TC1413COA
8-Pin SOIC
0
°C to +70°C
TC1413CPA
8-Pin Plastic DIP
0
°C to +70°C
TC1413EOA
8-Pin SOIC
– 40
°C to +85°C
TC1413EPA
8-Pin Plastic DIP
– 40
°C to +85°C
TC1413NCOA
8-Pin SOIC
0
°C to +70°C
TC1413NCPA
8-Pin Plastic DIP
0
°C to +70°C
TC1413NEOA
8-Pin SOIC
– 40
°C to +85°C
TC1413NEPA
8-Pin Plastic DIP
– 40
°C to +85°C
FEATURES
s
Latch-Up Protected: Will Withstand 500mA
Reverse Current
s
Input Will Withstand Negative Inputs Up to 5V
s
ESD Protected ..................................................... 4kV
s
High Peak Output Current .................................. 3A
s
Wide Operating Range .......................... 4.5V to 16V
s
High Capacitive Load
Drive Capability ........................... 180 pF in 20nsec
s
Short Delay Time .................................. 35nsec Typ
s
Consistent Delay Times With Changes in
Supply Voltage
s
Matched Delay Times
s
Low Supply Current
— With Logic “1” Input ................................... 50
µA
— With Logic “0” Input ................................. 150
µA
s
Low Output Impedance .................................... 2.7
Ω
s
Pinout Same as TC1410/11/12
GENERAL DESCRIPTION
The TC1413/1413N are 3A CMOS buffer/drivers. They
will not latch up under any conditions within their power and
voltage ratings. They are not subject to damage when up to
5V of noise spiking of either polarity that occurs on the
ground pin. They can accept, without damage or logic upset,
up to 500 mA of current of either polarity being forced back
into their output. All terminals are fully protected against up
to 4 kV of electrostatic discharge.
As MOSFET drivers, the TC1413/1413N can easily
switch 1800pF gate capacitance in 20 ns with matched rise
and fall times, and provide low enough impedance in both
the ON and the OFF states to ensure the MOSFET’s
intended state will not be affected, even by large transients.
The rise and fall time edges are matched to allow driving
short-duration inputs with greater output accuracy.
TC1413/N-8 10/14/96


Similar Part No. - TC1413

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1413 MICROCHIP-TC1413 Datasheet
439Kb / 14P
3A High-Speed MOSFET Drivers
2002
TC1413 MICROCHIP-TC1413 Datasheet
345Kb / 16P
3A High-Speed MOSFET Drivers
2003
TC1413 MICROCHIP-TC1413 Datasheet
824Kb / 24P
3A High-Speed MOSFET Drivers
01/27/15
TC1413COA MICROCHIP-TC1413COA Datasheet
439Kb / 14P
3A High-Speed MOSFET Drivers
2002
TC1413COA MICROCHIP-TC1413COA Datasheet
262Kb / 18P
3A High-Speed MOSFET Drivers
2001-2012 11/27/12
More results

Similar Description - TC1413

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC4423 TELCOM-TC4423 Datasheet
84Kb / 7P
3A DUAL HIGH-SPEED POWER MOSFET DRIVERS
logo
Microchip Technology
TC1413 MICROCHIP-TC1413 Datasheet
439Kb / 14P
3A High-Speed MOSFET Drivers
2002
logo
ON Semiconductor
NCP4423 ONSEMI-NCP4423 Datasheet
90Kb / 12P
3A Dual High-Speed MOSFET Drivers
October, 2000 ??Rev. 1
logo
Microchip Technology
TC1413 MICROCHIP-TC1413_03 Datasheet
345Kb / 16P
3A High-Speed MOSFET Drivers
2003
TC4423 MICROCHIP-TC4423_04 Datasheet
321Kb / 18P
3A Dual High-Speed Power MOSFET Drivers
2004
TC4423A MICROCHIP-TC4423A Datasheet
771Kb / 22P
3A Dual High-Speed Power MOSFET Drivers
2007
TC1413 MICROCHIP-TC1413_13 Datasheet
262Kb / 18P
3A High-Speed MOSFET Drivers
2001-2012 11/27/12
TC4424AVOA713 MICROCHIP-TC4424AVOA713 Datasheet
773Kb / 22P
3A Dual High-Speed Power MOSFET Drivers
12/08/06
TC4425AVOA MICROCHIP-TC4425AVOA Datasheet
697Kb / 22P
3A Dual High-Speed Power MOSFET Drivers
12/08/06
TC1413 MICROCHIP-TC1413_15 Datasheet
824Kb / 24P
3A High-Speed MOSFET Drivers
01/27/15
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com