Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC1413 Datasheet(PDF) 5 Page - TelCom Semiconductor, Inc

Part # TC1413
Description  3A HIGH-SPEED MOSFET DRIVERS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC1413 Datasheet(HTML) 5 Page - TelCom Semiconductor, Inc

  TC1413 Datasheet HTML 1Page - TelCom Semiconductor, Inc TC1413 Datasheet HTML 2Page - TelCom Semiconductor, Inc TC1413 Datasheet HTML 3Page - TelCom Semiconductor, Inc TC1413 Datasheet HTML 4Page - TelCom Semiconductor, Inc TC1413 Datasheet HTML 5Page - TelCom Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
4-205
TELCOM SEMICONDUCTOR, INC.
7
6
5
4
3
1
2
8
3A HIGH SPEED MOSFET DRIVERS
TC1413
TC1413N
10
20
30
40
50
60
70
16
14
12
10
8
6
4
VDD (VOLTS)
Rise Time vs. Supply Voltage
CLOAD = 1800pF
TA = –40°C
TA = 25°C
TA = 85°C
10
20
30
40
50
60
70
16
14
12
10
8
6
4
VDD (VOLTS)
Fall Time vs. Supply Voltage
CLOAD = 1800pF
TA = –40°C
TA = 25°C
TA = 85°C
20
30
40
50
60
70
80
90
100
110
16
14
12
10
8
6
4
VDD (VOLTS)
TD1 Propagation Delay vs. Supply Voltage
CLOAD = 1800pF
TA = –40°C
TA = 25°C
TA = 85°C
20
30
40
50
60
70
80
90
100
16
14
12
10
8
6
4
VDD (VOLTS)
TD2 Propagation Delay vs. Supply Voltage
CLOAD = 1800pF
TA = –40°C
TA = 25°C
TA = 85°C
0
1000
2000
3000
4000
5000
0
10
20
30
40
CLOAD (pF)
Rise and Fall Times vs. Capacitive Load
TA = 25°C, VDD = 16V
TFALL
TRISE
0
1000
2000
3000
4000
5000
28
29
30
31
32
33
34
35
CLOAD (pF)
Propagation Delays vs. Capacitive Load
TA = 25°C, VDD = 16V
TD2
TD1
TYPICAL CHARACTERISTICS (Cont.)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com