Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC18C43 Datasheet(PDF) 4 Page - TelCom Semiconductor, Inc

Part # TC18C43
Description  BiCMOS CURRENT MODE PWM CONTROLLERS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC18C43 Datasheet(HTML) 4 Page - TelCom Semiconductor, Inc

  TC18C43 Datasheet HTML 1Page - TelCom Semiconductor, Inc TC18C43 Datasheet HTML 2Page - TelCom Semiconductor, Inc TC18C43 Datasheet HTML 3Page - TelCom Semiconductor, Inc TC18C43 Datasheet HTML 4Page - TelCom Semiconductor, Inc TC18C43 Datasheet HTML 5Page - TelCom Semiconductor, Inc TC18C43 Datasheet HTML 6Page - TelCom Semiconductor, Inc TC18C43 Datasheet HTML 7Page - TelCom Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4-96
TELCOM SEMICONDUCTOR, INC.
TC18C43
TC28C43
TC38C43
BiCMOS CURRENT MODE
PWM CONTROLLERS
Pin No.
Pin No
Pin No
8-Pin
14-Pin
16-Pin
Symbol
Description
PIN DESCRIPTION (Cont.)
6
7
NC
No Connection
13
8
NC
No Connection
9
NC
No Connection
8
10
POWER GROUND
Ground return of output driver.
5
9
11
ANALOG GND
For all the low level analog signal returns.
6
10
12
OUTPUT
Output to drive switching transistor gate input.
11
13
VDD
Supply power input terminal for the output drivers.
712
14
VIN
Voltage bias supply of all PWM Controller circuit functions.
814
15
VREF
Reference: 5.0 volt output.
16
NC
No Connection.
FREQUENCY OF OPERATION
The frequency of oscillation for the TC38C43 is con-
trolled by a resistor to VREF (RT) and a capacitor to ground
(CT). VREF supplies current through the resistor and charges
the capacitor until its voltage reaches the threshold of the
upper comparator (
≈2.5V). A 2.5mA current is then applied
to the capacitor to discharge it to near ground (
≈0.15V). The
discharge current is then shut off and the cycle repeats. An
approximate equation for the frequency of operation is:
7
VREF
14
PIN NUMBERS FOR 14-PIN DIP
9
RT/CT
GND
(5V)
RT
CT
REFERENCE SECTION
The reference is a zener-based design with a buffer
amplifier to drive the output. It is unstable with capacitances
between 0.01
µF and 3.3µF. In a normal application a 4.7µF
is used. In some lower noise layouts the capacitor can be
eliminated entirely.
The reference is active as soon as the 38C4x has
power supplied. This is different than its bipolar counter-
parts, in that the bipolar reference comes on only after the IC
has come out of its under voltage mode. Thus, on the 38C4x,
the reference pin can not be used as a reset function such
as on a soft start circuit.
OSCILLATOR SECTION
The oscillator frequency is set by the combination of a
resistor from the reference to the RT/CT pin and by a
capacitor from this pin to ground. The oscillator is designed
to have ramp amplitude from 0.15 to 2.5 volts. This is
approximate, as over shoot on the oscillator comparator
causes the ramp amplitude to increase with frequency due
to comparator delay. Minimum values for CT and RT are
33pF and 1k
Ω respectively. Maximum values are depen-
dent on leakage currents in the capacitor, not on the input
currents to the RT/CT pin.
fO ≈
1
(RT in Ohms and CT in Farads)
RT CT
The value of RT affects the discharge current and the
upper and lower comparators each have delays. As RT gets
smaller and as the frequency of operation gets higher, the
above equation is no longer valid.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com